Electronic Components Datasheet Search
  English  ▼

X  

AMC1311 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC1311
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1311 Datasheet HTML 17Page - Texas Instruments AMC1311 Datasheet HTML 18Page - Texas Instruments AMC1311 Datasheet HTML 19Page - Texas Instruments AMC1311 Datasheet HTML 20Page - Texas Instruments AMC1311 Datasheet HTML 21Page - Texas Instruments AMC1311 Datasheet HTML 22Page - Texas Instruments AMC1311 Datasheet HTML 23Page - Texas Instruments AMC1311 Datasheet HTML 24Page - Texas Instruments AMC1311 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
8.3.2 Isolation Channel Signal Transmission
The AMC1311 uses an on-off keying (OOK) modulation scheme, as shown in Figure 8-1, to transmit the
modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) shown in the
Functional Block Diagram transmits an internally-generated, high-frequency carrier across the isolation barrier
to represent a digital one and does not send a signal to represent a digital zero. The nominal frequency of the
carrier used inside the AMC1311 is 480 MHz.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the input to the fourth-order analog filter. The AMC1311 transmission channel is optimized to achieve the
highest level of common-mode transient immunity (CMTI) and lowest level of radiated emissions caused by the
high-frequency carrier and RX/TX buffer switching.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 8-1. OOK-Based Modulation Scheme
www.ti.com
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC1311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com