Electronic Components Datasheet Search
  English  ▼

X  

AMC1311 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1311
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1311 Datasheet HTML 20Page - Texas Instruments AMC1311 Datasheet HTML 21Page - Texas Instruments AMC1311 Datasheet HTML 22Page - Texas Instruments AMC1311 Datasheet HTML 23Page - Texas Instruments AMC1311 Datasheet HTML 24Page - Texas Instruments AMC1311 Datasheet HTML 25Page - Texas Instruments AMC1311 Datasheet HTML 26Page - Texas Instruments AMC1311 Datasheet HTML 27Page - Texas Instruments AMC1311 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
9.2.1 Design Requirements
Table 9-1 lists the parameters for this typical application.
Table 9-1. Design Requirements
PARAMETER
VALUE
System input voltage
Single phase, 230 V, 50 Hz
Maximum DC link voltage
400 V
High-side supply voltage
3.3 V or 5 V
Low-side supply voltage
3.3 V or 5 V
Maximum resistor operating voltage
75 V
Voltage drop across the sense resistor (RSNS) for a linear response
2 V (maximum)
Current through the resistive divider, ICROSS
100 μA (maximum)
9.2.2 Detailed Design Procedure
The 100-μA, cross-current requirement at the maximum DC link voltage (400 V) determines that the total
impedance of the resistive divider is 4 MΩ. The impedance of the resistive divider is dominated by the top
portion (shown exemplary as RX1 and RX2 in Figure 9-1) and the voltage drop across RSNS can be neglected
for a moment. The maximum allowed voltage drop per unit resistor is specified as 75 V; therefore, the minimum
number of unit resistors in the top portion of the resistive divider is 400 V / 75 V = 6. The calculated unit value is
4 MΩ / 6 = 666 kΩ and the next closest value from the E96 series is 665 kΩ.
RSNS is sized such that the voltage drop across the resistor at the maximum DC link voltage (400 V) equals the
linear full-scale range input voltage (VFSR) of the AMC1311, which is 2 V. This voltage is calculated as RSNS =
VFSR / (VDC-link, max – VFSR) × RTOP, where RTOP is the total value of the top resistor string (6 × 665 kΩ = 3990
kΩ). RSNS is calculated as 20.05 kΩ and matches a value from the E96 series.
Table 9-2. Resistor Value Example
PARAMETER
VALUE
Unit resistor RX
665 kΩ
Number of unit resistors
6
Sense resistor RSNS
20.05 kΩ
Resulting current through resistive divider ICROSS
99.7 μA
Resulting voltage drop across sense resistor
2.000 V
Power dissipated in unit resistor RX
6.6 mW
Total power dissipated in resistive divider
39.9 mW
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC1311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com