Electronic Components Datasheet Search
  English  ▼

X  

AMC1311 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC1311
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1311 Datasheet HTML 7Page - Texas Instruments AMC1311 Datasheet HTML 8Page - Texas Instruments AMC1311 Datasheet HTML 9Page - Texas Instruments AMC1311 Datasheet HTML 10Page - Texas Instruments AMC1311 Datasheet HTML 11Page - Texas Instruments AMC1311 Datasheet HTML 12Page - Texas Instruments AMC1311 Datasheet HTML 13Page - Texas Instruments AMC1311 Datasheet HTML 14Page - Texas Instruments AMC1311 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
7.9 Electrical Characteristics (continued)
minimum and maximum specifications of the AMC1311 apply from TA = –40°C to +125°C, VDD1 = 4.5 V to 5.5 V, VDD2 =
3.0 V to 5.5 V, VIN = –0.1 V to 2 V, and SHTDN = GND1 = 0 V; minimum and maximum specifications of the AMC1311B
apply from TA = –55°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, VIN = –0.1 V to 2 V, and SHTDN = GND1 =
0 V (unless otherwise noted); typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT
IIN
Input current
SHTDN pin, GND1 ≤ SHTDN ≤ VDD1
–70
1
µA
CIN
Input capacitance
SHTDN pin
5
pF
VIH
High-level input voltage
0.7 ×
VDD1
V
VIL
Low-level input voltage
0.3 ×
VDD1
V
POWER SUPPLY
VDD1UV
VDD1 undervoltage detection
threshold
VDD1 rising
2.5
2.7
2.9
V
VDD1 falling
2.4
2.6
2.8
VDD2UV
VDD2 undervoltage detection
threshold
VDD2 rising
2.2
2.45
2.65
V
VDD2 falling
1.85
2.0
2.2
IDD1
High-side supply current
3.0 V < VDD1 < 3.6 V, SHTDN = low,
AMC1311B only
6.0
8.4
mA
4.5 V < VDD1 < 5.5 V, SHTDN = low
7.1
9.7
SHTDN = VDD1
1.3
µA
IDD2
Low-side supply current
3.0 V < VDD2 < 3.6 V
5.3
7.2
mA
4.5 V < VDD2 < 5.5 V
5.9
8.1
(1)
The typical value includes one standard deviation (sigma) at nominal operating conditions.
(2)
This parameter is input referred.
(3)
The typical value is at VDD1 = 3.3 V.
(4)
THD is the ratio of the rms sum of the amplitudes of first five higher harmonics to the amplitude of the fundamental.
(5)
Offset error temperature drift is calculated using the box method, as described by the following equation:
TCVOS = (ValueMAX - ValueMIN) / TempRange
(6)
Gain error temperature drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = (ValueMAX - ValueMIN) / (Value(T=25℃) x TempRange) x 106
www.ti.com
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC1311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com