Electronic Components Datasheet Search
  English  ▼

X  

AMC1311 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC1311
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1311 Datasheet HTML 8Page - Texas Instruments AMC1311 Datasheet HTML 9Page - Texas Instruments AMC1311 Datasheet HTML 10Page - Texas Instruments AMC1311 Datasheet HTML 11Page - Texas Instruments AMC1311 Datasheet HTML 12Page - Texas Instruments AMC1311 Datasheet HTML 13Page - Texas Instruments AMC1311 Datasheet HTML 14Page - Texas Instruments AMC1311 Datasheet HTML 15Page - Texas Instruments AMC1311 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
7.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
1.3
µs
tf
Output signal fall time
1.3
µs
IN to OUTx signal delay (50% – 10%)
Unfiltered output, AMC1311
1.5
2.5
µs
Unfiltered output, AMC1311B
1.0
1.5
IN to OUTx signal delay (50% – 50%)
Unfiltered output, AMC1311
2.1
3.1
µs
Unfiltered output, AMC1311B
1.6
2.1
IN to OUTx signal delay (50% – 90%)
Unfiltered output, AMC1311
3.0
4.0
µs
Unfiltered output, AMC1311B
2.5
3.0
tAS
Analog settling time
VDD1 step to 3.0 V with VDD2 ≥ 3.0 V, to
VOUTP, VOUTN valid, 0.1% settling
50
100
µs
tEN
Device enable time
SHTDN high to low
50
100
µs
tSHTDN
Device shutdown time
SHTDN low to high
3
10
µs
7.11 Timing Diagram
IN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90%
OUTP
t
r
2 V
0 V
V
CMout
Figure 7-1. Rise, Fall, and Delay Time Definition
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC1311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com