Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC3302
Description  AMC3302 High-Precision, ±50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3302 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 16Page - Texas Instruments AMC3302 Datasheet HTML 17Page - Texas Instruments AMC3302 Datasheet HTML 18Page - Texas Instruments AMC3302 Datasheet HTML 19Page - Texas Instruments AMC3302 Datasheet HTML 20Page - Texas Instruments AMC3302 Datasheet HTML 21Page - Texas Instruments AMC3302 Datasheet HTML 22Page - Texas Instruments AMC3302 Datasheet HTML 23Page - Texas Instruments AMC3302 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
7.3.3 Analog Output
The AMC3302 offers a differential analog output comprised of the OUTP and OUTN pins. For differential input
voltages (VINP – VINN) in the range from –50 mV to 50 mV, the device provides a linear response with a nominal
gain of 41. For example, for a differential input voltage of 50 mV, the differential output voltage (VOUTP – VOUTN)
is 2.05 V. At zero input (INP shorted to INN), both pins output the same common-mode output voltage VCMout,
as specified in the Electrical Characteristics table. For absolute differential input voltages greater than 50 mV
but less than 64 mV, the differential output voltage continues to increase in magnitude but with reduced linearity
performance. The outputs saturate at a differential output voltage of VCLIPout, as shown in Figure 7-2, if the
differential input voltage exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
64 mV
64 mV
50 mV
50 mV
0
VOUTP
VOUTN
Differential Input Voltage (VINP ± VINN)
VCMout
±
±
VCLIPout
VFAILSAFE
Figure 7-2. Output Behavior of the AMC3302
The AMC3302 provides a failsafe output that simplifies diagnostics on system level. Figure 7-2 shows the
failsafe mode, in which the AMC3302 outputs a negative differential output voltage that does not occur under
normal operating conditions. The failsafe output is active in two cases:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the high
side)
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out)
Use the maximum VFAILSAFE voltage specified in the Electrical Characteristics table as a reference value for the
failsafe detection on the system level.
7.3.4 Isolated DC/DC Converter
The AMC3302 offers a fully integrated isolated DC/DC converter that includes following components illustrated in
the Functional Block Diagram:
• Low-dropout regulator (LDO) on the low-side side to stabilize the supply voltage VDD that drives the low-side
of the converter. This circuit does not output a constant voltage and is not intended for driving any external
load.
• Low-side full-bridge inverter and drivers.
• Laminate-based, air-core transformer for high immunity to magnetic fields.
• High-side full-bridge rectifier.
• High-side LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path.
The DC/DC converter uses a spread-spectrum clock generation technique to reduce the spectral density of
the electromagnetic radiation. The resonator frequency is synchronized to the operation of the ΔΣ modulator to
minimize the interference with data transmission and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3302 and can
source up to IH of additional DC current for an optional auxiliary circuit such as an active filter, preamplifier, or
comparator. IH is specified in the Electrical Characteristics table as a DC, non-switching current.
AMC3302
SBASA11B – AUGUST 2020 – REVISED JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com