Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC3302
Description  AMC3302 High-Precision, ±50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3302 Datasheet(HTML) 3 Page - Texas Instruments

  AMC3302 Datasheet HTML 1Page - Texas Instruments AMC3302 Datasheet HTML 2Page - Texas Instruments AMC3302 Datasheet HTML 3Page - Texas Instruments AMC3302 Datasheet HTML 4Page - Texas Instruments AMC3302 Datasheet HTML 5Page - Texas Instruments AMC3302 Datasheet HTML 6Page - Texas Instruments AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Not to scale
DCDC_IN
DCDC_GND
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
Figure 5-1. DWE Package, 16-Pin SOIC, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DCDC_OUT
Power
High-side output of the isolated DC/DC converter; connect this pin to the HLDO_IN pin.(1)
2
DCDC_HGND
High-side power ground
High-side ground reference for the isolated DC/DC converter; connect this pin to the
HGND pin.
3
HLDO_IN
Power
Input of the high-side LDO; connect this pin to the DCDC_OUT pin(1)
4
NC
—
No internal connection; connect this pin to HGND or leave this pin unconnected.
5
HLDO_OUT
Power
Output of the high-side LDO.(1)
6
INP
Analog input
Noninverting analog input. Either INP or INN must have a DC current path to HGND to
define the common-mode input voltage.(2)
7
INN
Analog input
Inverting analog input. Either INP or INN must have a DC current path to HGND to define
the common-mode input voltage.(2)
8
HGND
High-side signal ground
High-side analog ground; connect this pin to the DCDC_HGND pin.
9
GND
Low-side signal ground
Low-side analog ground; connect this pin to the DCDC_GND pin.
10
OUTN
Analog output
Inverting analog output.
11
OUTP
Analog output
Noninverting analog output.
12
VDD
Low-side power
Low-side power supply.(1)
13
LDO_OUT
Power
Output of the low-side LDO; connect this pin to the DCDC_IN pin. The output of the LDO
must not be loaded by external circuitry.(1)
14
DIAG
Digital output
Active-low, open-drain status indicator output; connect this pin to the pullup supply (for
example, VDD) using a resistor or leave this pin floating if not used.
15
DCDC_GND
Low-side power ground
Low-side ground reference for the isolated DC/DC converter; connect this pin to the GND
pin.
16
DCDC_IN
Power
Low-side input of the isolated DC/DC converter; connect this pin to the LDO_OUT pin.(1)
(1)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
(2)
See the Layout section for details.
www.ti.com
AMC3302
SBASA11B – AUGUST 2020 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com