Electronic Components Datasheet Search
  English  ▼

X  

STA559BW Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA559BW
Description  5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA559BW Datasheet HTML 48Page - STMicroelectronics STA559BW Datasheet HTML 49Page - STMicroelectronics STA559BW Datasheet HTML 50Page - STMicroelectronics STA559BW Datasheet HTML 51Page - STMicroelectronics STA559BW Datasheet HTML 52Page - STMicroelectronics STA559BW Datasheet HTML 53Page - STMicroelectronics STA559BW Datasheet HTML 54Page - STMicroelectronics STA559BW Datasheet HTML 55Page - STMicroelectronics STA559BW Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
Register description
STA559BW
52/67
DocID18190 Rev 3
6.7
User-defined coefficient control registers (addr 0x16 - 0x26)
6.7.1
Coefficient address register (addr 0x16)
1001
-15
1010
-14
1011
-13
1100
-12
1101
-10
1110
-7
1111
-4
Table 70. Limiter release threshold vs LxRT bits (DRC mode)
LxRT[3:0]
DRC (db relative to Volume + LxAT)
0000
-
0001
-38
0010
-36
0011
-33
0100
-31
0101
-30
0110
-28
0111
-26
1000
-24
1001
-22
1010
-20
1011
-18
1100
-15
1101
-12
1110
-9
1111
-6
Table 69. Limiter attack threshold vs LxAT bits (DRC mode) (continued)
LxAT[3:0]
DRC (dB relative to Volume)
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com