Electronic Components Datasheet Search
  English  ▼

X  

STA559BW Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA559BW
Description  5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA559BW Datasheet HTML 13Page - STMicroelectronics STA559BW Datasheet HTML 14Page - STMicroelectronics STA559BW Datasheet HTML 15Page - STMicroelectronics STA559BW Datasheet HTML 16Page - STMicroelectronics STA559BW Datasheet HTML 17Page - STMicroelectronics STA559BW Datasheet HTML 18Page - STMicroelectronics STA559BW Datasheet HTML 19Page - STMicroelectronics STA559BW Datasheet HTML 20Page - STMicroelectronics STA559BW Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
DocID18190 Rev 3
17/67
STA559BW
Processing data paths
67
Figure 6. Left and right processing
Crossover Frequency determined by XO Setting
User Defined If XO=0000
R
L
+
+
+
C1Mx2
C2Mx1
C2Mx2
C3Mx1
C3Mx2
C1Mx1
Hi-Pass
XO
Filter
Hi-Pass
XO
Filter
Lo-Pass
XO
Filter
User-Defined Mix Coefficients
Vol
And
Limiter
Vol
And
Limiter
Vol
And
Limiter
Post scale
Post scale
Post scale
Crossover Frequency determined by XO Setting
User Defined If XO=0000
R
L
+
+
+
C1Mx2
C2Mx1
C2Mx2
C3Mx1
C3Mx2
C1Mx1
Hi-Pass
XO
Filter
Hi-Pass
XO
Filter
Lo-Pass
XO
Filter
User-Defined Mix Coefficients
Vol
And
Limiter
Vol
And
Limiter
Vol
And
Limiter
Post scale
Post scale
Post scale
If C2TCB=0
BTC: Bass Boost/Cut
TTC: Treble Boost/Cut
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-
Emphasis
Bass
Treble
If HPB=0
User-Defined Filters
If DEMP=0
If DSPB=0 and C2EQBP=0
x2
FIR
over
sampling
R
If C1TCB=0
BTC: Bass Boost/Cut
TTC: Treble Boost/Cut
From
I2S input
interface
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-
Emphasis
Bass
Treble
If HPB=0
User-Defined Filters
If DEMP=0
If DSPB=0 and C1EQBP=0
x2
FIR
over
sampling
L
Sampling
frequency=Fs
Sampling
frequency=2xFs
If C2TCB=0
BTC: Bass Boost/Cut
TTC: Treble Boost/Cut
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-
Emphasis
Bass
Treble
If HPB=0
User-Defined Filters
If DEMP=0
If DSPB=0 and C2EQBP=0
x2
FIR
over
sampling
R
If C1TCB=0
BTC: Bass Boost/Cut
TTC: Treble Boost/Cut
From
I2S input
interface
PreScale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
De-
Emphasis
Bass
Treble
If HPB=0
User-Defined Filters
If DEMP=0
If DSPB=0 and C1EQBP=0
x2
FIR
over
sampling
L
Sampling
frequency=Fs
Sampling
frequency=2xFs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com