Electronic Components Datasheet Search
  English  ▼

X  

STA559BW Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA559BW
Description  5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA559BW Datasheet HTML 31Page - STMicroelectronics STA559BW Datasheet HTML 32Page - STMicroelectronics STA559BW Datasheet HTML 33Page - STMicroelectronics STA559BW Datasheet HTML 34Page - STMicroelectronics STA559BW Datasheet HTML 35Page - STMicroelectronics STA559BW Datasheet HTML 36Page - STMicroelectronics STA559BW Datasheet HTML 37Page - STMicroelectronics STA559BW Datasheet HTML 38Page - STMicroelectronics STA559BW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
DocID18190 Rev 3
35/67
STA559BW
Register description
67
Figure 13. Output mapping scheme
For each configuration the PWM signals from the digital driver are mapped in different ways
to the power stage:
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com