Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6321 Datasheet HTML 1Page - Texas Instruments LMH6321 Datasheet HTML 2Page - Texas Instruments LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
5 Device Comparison Table
DEVICE
VS ± (V)
IQ / CHANNEL
(mA)
BW (MHz)
SLEW RATE
(V/µs)
VOLTAGE NOISE (nV/√ Hz)
AMPLIFIER DESCRIPTION
BUF634A
±18
1.5 – 8.5
35 – 210
3750
3.4
Unity-gain, open-loop buffer
BUF634
±18
1.5 – 15
30 – 180
2000
4
Unity-gain, open-loop buffer
LMH6321
±18
11
110
1800
2.8
Unity-gain, open-loop buffer
with adjustable current limit
6 Pin Configuration and Functions
BW
NC
V
IN
V–
NC
V+
V
O
NC
1
2
3
4
8
7
6
5
G = 1
Figure 6-1. D and DDA Packages 8-Pin SOIC, 8-Pin
HSOIC with Thermal Pad Top View
BW
NC
VIN
9¤
1
2
3
4
NC
V+
VO
NC
8
7
6
5
Exposed
Thermal
Die Pad
on
Underside
(1)
Figure 6-2. DRB Package 8-Pin VSON with Thermal
Pad Top View
Table 6-1. Pin Functions
PIN
I/O(2)
DESCRIPTION
NAME
DDA(1)
DRB(1)
D
BW
1
1
1
I
Bandwidth adjust pin. Connect the BW pin to the V– pin for wide-
BW mode and leave the BW pin floating for low-IQ mode. See the
Adjustable Bandwidth section.
NC
2, 5, 8
2, 5, 8
2, 5, 8
—
No internal connection
V–
4
4
4
P
Negative power supply
V+
7
7
7
P
Positive power supply
VIN
3
3
3
I
Input
VO
6
6
6
O
Output
Thermal Pad
—
—
Thermal pad. Must be electrically shorted to V–.
(1)
The DRB and DDA packages include a thermal pad on the backside of the device. The thermal pad must be connected to the same
potential as V–. Connect the thermal pad and V– to a heat-spreading plane to achieve low thermal impedance. The thermal pad can
also be unused (not connected to any heat-spreading plane or voltage), thus giving an overall higher thermal impedance.
(2)
I = input, O = output, P = power.
www.ti.com
BUF634A
SBOS948F – FEBRUARY 2019 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com