Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments LMH6321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
7.7 Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RS = 50 Ω, and RL = 100 Ω (unless otherwise noted).
Time (50 ns/div)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
D010
VIN
VO-Low-IQ
VO-Wide-BW
.
Figure 7-19. Large-Signal Transient Response
Time (20 ns/div)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
D009
VIN
VO-Low-IQ
VO-Wide-BW
.
Figure 7-20. Small-Signal Transient Response
Output Current (mA)
0
50
100
150
200
250
1
10
100
D030
Low-IQ
Wide-BW
f = 100 kHz
Figure 7-21. Output Impedance vs Output Current
Frequency (Hz)
0
2
4
6
8
10
10
100
1k
10k
100k
1M
10M
100M
D036
Low-IQ: Sinking
Low-IQ: Sourcing
Wide-BW: Sinking
Wide-BW: Sourcing
IO = 100 mA
Figure 7-22. Output Impedance vs Frequency
Supply Voltage (V)
4
8
12
16
20
24
28
32
36
0
10
20
30
40
50
60
D020
TA = 40
oC
TA = 25
oC
TA = 85
oC
TA = 125
oC
.
Figure 7-23. Offset Voltage vs Supply Voltage
Offset Voltage (mV)
0
1000
2000
3000
4000
5000
6000
D032
14000 devices, µ = 35.7 mV, σ = 2.15 mV
Figure 7-24. Offset Voltage Distribution Histogram
BUF634A
SBOS948F – FEBRUARY 2019 – REVISED MAY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com