Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 41 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 37Page - Texas Instruments LMH6321 Datasheet HTML 38Page - Texas Instruments LMH6321 Datasheet HTML 39Page - Texas Instruments LMH6321 Datasheet HTML 40Page - Texas Instruments LMH6321 Datasheet HTML 41Page - Texas Instruments LMH6321 Datasheet HTML 42Page - Texas Instruments LMH6321 Datasheet HTML 43Page - Texas Instruments LMH6321 Datasheet HTML 44Page - Texas Instruments LMH6321 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
6.2
5.8
TYP
1.7 MAX
6X 1.27
8X
0.51
0.31
2X
3.81
0.25
0.10
TYP
0 - 8
0.15
0.00
2.71
2.11
3.4
2.8
4X (0 -10 )
0.25
GAGE PLANE
1.27
0.40
A
5.0
4.8
NOTE 3
B
4.0
3.8
4214849/B 09/2025
PowerPAD
SOIC - 1.7 mm max height
DDA0008B
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MS-012.
PowerPAD is a trademark of Texas Instruments.
TM
1
8
0.25
C A B
5
4
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
EXPOSED
THERMAL PAD
4
1
5
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com