Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 1 Page - Texas Instruments

  LMH6321 Datasheet HTML 1Page - Texas Instruments LMH6321 Datasheet HTML 2Page - Texas Instruments LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
1 Features
• Pin-Selected Bandwidth: 35 MHz to 210 MHz
• High Output Current: 250 mA
• Slew Rate: 3750 V/µs
• Low Quiescent Current: 1.5 mA (35-MHz BW)
• Wide Supply Range: ±2.25 V to ±18 V
• Internal Output Current Limit
• Thermal Shutdown Protection
• Available in Packages with Thermal Pad
• Extended Temperature Operation:
–40°C to +125°C
2 Applications
• Memory, Semiconductor Testers
• Test Equipment
• Headphone Drivers
• Flight Control Systems
• Capacitive Load Drivers
• Valve Drivers, Solenoid Drivers
• Line Drivers
3 Description
The BUF634A device is a high-performance, high-
fidelity, open-loop buffer that is capable of driving 250
mA of output current. The BUF634A is a 36-V device
with an adjustable bandwidth of 35 MHz to 210 MHz,
which is accomplished by varying the value of an
external resistor between the V– and BW pins.
The BUF634A device can be used as a standalone
open-loop driver, or used inside the feedback loop of
a precision op amp to provide both high-precision and
large output current drive with improved capacitive
load drive.
For low-power applications, the BUF634A device
operates on a 1.5-mA quiescent current with a
250-mA output, 3750-V/µs slew rate, and 35-MHz
bandwidth. The device consumes 8.5-mA quiescent
current in wide-bandwidth mode with a 210-MHz
bandwidth. The BUF634A is fully protected by an
internal current limit in its output stage and by thermal
shutdown, making the device rugged and easy to use.
The BUF634A device is rated to function over the
extended industrial temperature range of –40°C to
+125°C. The BUF634A comes in three packages: D
(SOIC), DRB (VSON), and DDA (HSOIC). The DRB
(VSON) and DDA (HSOIC) packages have excellent
thermal performance resulting from the thermal pad
on the bottom side. The DRB package comes in a
very small form factor of 3.0 mm × 3.0 mm, making
the device a very suitable option for portable and size-
constrained applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BUF634A
SOIC (8)
4.90 mm × 3.90 mm
VSON (8)
3.00 mm × 3.00 mm
HSOIC (8)
4.90 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
±
Vt
1 kQ
1 kQ
V+
V
O
V
IN
Boost the Output Current of Any Operational
Amplifier
Top layer Cu Area (cm2)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
D037
TJA (°C/W) 4 Layer Board
<JB (°C/W) 4 Layer Board
TJA (°C/W) 2 Layer Board
<JB (°C/W) 2 Layer Board
Thermal Performance vs Cu Area for the DDA
Package
BUF634A
SBOS948F – FEBRUARY 2019 – REVISED MAY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321 Datasheet
587Kb / 22P
300mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI-LMH6321 Datasheet
3Mb / 41P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
More results

Similar Description - LMH6321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
250 mA Output Voltage Tracker
logo
Texas Instruments
BUF634A TI1-BUF634A Datasheet
665Kb / 21P
210-MHz, 250-mA, high-speed buffer
logo
ABLIC Inc.
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Texas Instruments
BUF634A TI1-BUF634A_V01 Datasheet
2Mb / 34P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V02 Datasheet
3Mb / 44P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI-BUF634A_V03 Datasheet
3Mb / 41P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI-BUF634A_V04 Datasheet
3Mb / 44P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com