Electronic Components Datasheet Search
  English  ▼

X  

CC1352R Datasheet(PDF) 28 Page - Texas Instruments

Part # CC1352R
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352R Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1352R Datasheet HTML 24Page - Texas Instruments CC1352R Datasheet HTML 25Page - Texas Instruments CC1352R Datasheet HTML 26Page - Texas Instruments CC1352R Datasheet HTML 27Page - Texas Instruments CC1352R Datasheet HTML 28Page - Texas Instruments CC1352R Datasheet HTML 29Page - Texas Instruments CC1352R Datasheet HTML 30Page - Texas Instruments CC1352R Datasheet HTML 31Page - Texas Instruments CC1352R Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
8.15.4 Comparators
8.15.4.1 Low-Power Clocked Comparator
Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Clock frequency
SCLK_LF
Internal reference voltage(1)
Using internal DAC with VDDS as reference voltage,
DAC code = 0 - 255
0.024 - 2.865
V
Offset
Measured at VDDS / 2, includes error from internal DAC
±5
mV
Decision time
Step from –50 mV to 50 mV
1
Clock
Cycle
(1)
The comparator can use an internal 8 bits DAC as its reference. The DAC output voltage range depends on the reference voltage
selected. See Section 8.15.2.1
8.15.4.2 Continuous Time Comparator
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range(1)
0
VDDS
V
Offset
Measured at VDDS / 2
±5
mV
Decision time
Step from –10 mV to 10 mV
0.78
µs
Current consumption
Internal reference
8.6
µA
(1)
The input voltages can be generated externally and connected throughout I/Os or an internal reference voltage can be generated using
the DAC
8.15.5 Current Source
8.15.5.1 Programmable Current Source
Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current source programmable output range (logarithmic
range)
0.25 - 20
µA
Resolution
0.25
µA
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com