Electronic Components Datasheet Search
  English  ▼

X  

CC1352R Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1352R
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352R Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1352R Datasheet HTML 28Page - Texas Instruments CC1352R Datasheet HTML 29Page - Texas Instruments CC1352R Datasheet HTML 30Page - Texas Instruments CC1352R Datasheet HTML 31Page - Texas Instruments CC1352R Datasheet HTML 32Page - Texas Instruments CC1352R Datasheet HTML 33Page - Texas Instruments CC1352R Datasheet HTML 34Page - Texas Instruments CC1352R Datasheet HTML 35Page - Texas Instruments CC1352R Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
8.16.3 TX Current
Temperature [°C]
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
6
6.15
6.3
6.45
6.6
6.75
6.9
7.05
7.2
7.35
7.5
7.65
7.8
7.95
8.1
8.25
8.4
8.55
8.7
8.85
9
Figure 8-8. TX Current vs. Temperature (BLE 1
Mbps, 2.44 GHz, 0 dBm)
Voltage [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
Figure 8-9. TX Current vs. Supply Voltage (VDDS)
(BLE 1 Mbps, 2.44 GHz, 0 dBm)
shows typical TX current and output power for different output power settings.
Table 8-1. Typical TX Current and Output Power
CC2652R at 2.4 GHz, VDDS = 3.0 V (Measured on CC26x2REM-7ID-Q1)
txPower
TX Power Setting (SmartRF Studio)
Typical Output Power [dBm]
Typical Current Consumption [mA]
0x8623
5
5.0
9.2
0x5E1A
4
4.1
8.6
0x4867
3
3.2
8.2
0x3860
2
2.0
7.6
0x2E5C
1
1.2
7.3
0x2E59
0
0.3
7.0
0x10D9
-5
-5.0
5.9
0x0AD1
-10
-9.5
5.3
0x0ACC
-15
-13.7
4.9
0x0AC8
-20
-18.6
4.6
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com