Electronic Components Datasheet Search
  English  ▼

X  

MB97R8110 Datasheet(PDF) 38 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 38 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 34Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 35Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 36Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 37Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 38Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 39Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 40Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 41Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 42Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
38
DS411-00007-3v1-E
MB97R8110
FuncEn[2:0]:COM2-0 output control of ComDat[2:0] setting value
bit
Initial
value
Setting
value
Description
14
0
0
COM2 stays “Hi-Z” level.
1
COM2 outputs ComDat[2] setting value.
13
0
0
COM1 stays “Hi-Z” level.
1
COM1 outputs ComDat[1] setting value.
12
0
0
COM0 stays “Hi-Z” level.
1
COM0 outputs ComDat[0] setting value.
Note. FuncEn[2:0] is updated only when the corresponded bit of SetEn[2:0] is 1. If not, FuncEn[2:0] cannot be
updated
Reserved
bit
Initial
value
Setting
value
Description
11:8
0h
0h
Set to 0.
SetEn[3:0]:Update control for FuncEn[3:0] and {IntDat,ComDat[2:0]}
bit
Initial
value
Setting
value
Description
7
0
0
Neither Func[3] nor IntDat are updated.
The value before setting is not updated.
1
Both Func[3] and IntDat are updated.
6
0
0
Neither Func[2] nor ComDat[2] are updated.
The value before setting is not updated.
1
Both Func[2] and ComDat[2] are updated.
5
0
0
Neither Func[1] nor ComDat[1] are updated.
The value before setting is not updated.
1
Both Func[1] and ComDat[1] are updated.
4
0
0
Neither Func[0] nor ComDat[0] are updated.
The value before setting is not updated.
1
Both Func[0] and ComDat[0] are updated.
Note. SetEn[3:0] manages to update the status of FuncEn[3:0] and {IntDat,ComDat[2:0]} , or not.
Regardless of the setting value, 0h will be responded to Read command.
IntDat:INT input data
bit
Initial
value
FuncEn[3] Setting Description
3
0
0
0
Return “0” to Read command.
1
Return “1” to Read command.
1
-
Input value from INT pin is returned to Read command.
Written value is invalid.
Note. IntDat is updated only when SetEn[3] is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com