Electronic Components Datasheet Search
  English  ▼

X  

MB97R8110 Datasheet(PDF) 49 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 49 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 45Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 46Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 47Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 48Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 49Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 50Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 51Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 52Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 53Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
DS411-00007-3v1-E
49
MB97R8110
SetVolDet2
bit
Initial value
Setting value
Detection voltage
Output Voltage*
Typ.
Max.
10:8
0h
0h
3.3±0.25V
3.4V
3.6V
1h
3.2±0.25V
3.4V
3.6V
2h
3.1±0.25V
3.3V
3.5V
3h
3.0±0.25V
3.3V
3.5V
4h
3.0±0.25V
3.2V
3.4V
5h
2.9±0.25V
3.2V
3.4V
6h
2.8±0.25V
3.1V
3.3V
7h
2.7±0.25V
3.1V
3.3V
*.VDOUT3 output voltage setting is always valid regardless of the EnDet2 setting. When the power from reader
is insufficient, VDOUT3 output voltage may not reach the expected value.
Reserved
bit
Initial value
Setting value
Setting description
7:2
0h
0h
Set to 0
VolDet (Read only) VDOUT3 output voltage detection
bit
Initial value
Setting value
Setting description
1
-
0
VDOUT3<SetVolDet1
1
VDOUT3>SetVolDet1
0
-
0
VDOUT3<SetVolDet2
1
VDOUT3>SetVolDet2
・
VolDet bit1,0=0 : VDOUT3 output voltage is lower than the voltage set in SetVolDet1,2
・
VolDet bit1,0=1 : VDOUT3 output voltage is higher than the voltage set in SetVolDet1,2
7.4.2 VDOUT3 Output current on receiving power
Figure 7.4.2 shows the VDOUT3 output current with 3V power supply on different receiving power level
from RF (PWRP3-PWRM3 antenna). In this figure, 600μA with 3V output requires +8dBm as receiving power
from RF.
Figure 7.4.2 VDOUT3 output current with 3V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com