Electronic Components Datasheet Search
  English  ▼

X  

MB97R8110 Datasheet(PDF) 17 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 17 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 13Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 14Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 15Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 16Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 17Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 18Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 19Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 20Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
DS411-00007-3v1-E
17
MB97R8110
4.2.3 EPC bank
The memory map of EPC bank is shown in Table 4.2.3.
Table 4.2.3 EPC bank memory map
MSB
LSB
WordAdr WordPtr
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0 Default
Value
00h
00h
01h
01h
3400h
02h
02h
0000h
03h
03h
unique
04h
04h
unique
05h
05h
unique
06h
06h
0000h
07h
07h
0000h
08h
08h
0000h
09h
09h
0000h
0Ah
0Ah
0000h
0Bh
0Bh
0000h
0Ch
0Ch
0000h
0Dh
0Dh
0000h
0Eh
0Eh
0000h
0Fh
0Fh
0000h
10h
10h
0000h
・・・
・・・
0000h
1Fh
1Fh
0000h
*. As default value, the same serial number is stored in WordAdr=03h to 05h of EPC bank as the
number stored in WordAdr=03h to 05h of TID bank.
EPC data
EPC data
EPC data(Serial Number *)
EPC data(Serial Number *)
EPC data(Serial Number *)
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
EPC data
Stored CRC
Stored PC
The length of EPC is specified by EPC length field of Stored PC. The length is preprogrammed to 6 (words) as
default value, which indicates 6words of EPC (WordAdr 02h to 07h). It is possible to expand the length up to
30words (WordAdr 02h to 1Fh) by programming the data of EPC length field
This LSI does not support XPC_W1 and XPC_W2. Stored CRC is not preprogrammed, because it is reflected
after the response to ACK command.
4.2.4 USER bank
USER bank of this LSI consists of 3,840words of Data field and 64words of Application field.
4.2.4.1 USER bank (Data field)
Data field of USER bank is divided into 8 Area groups as shown in Table.4.2.4.1.
Table 4.2.4.1 USER bank (Data field) memory map
MSB
LSB
WordAdr
WordPtr
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0 Default
Value
000h to 1FFh
00h to 837Fh
0000h
200h to 3FFh
8400h to 877Fh
0000h
400h to 5FFh
8800h to 8B7Fh
0000h
600h to 7FFh
8C00h to 8F7Fh
0000h
800h to 9FFh
9000h to 937Fh
0000h
A00h to BFFh
9400h to 977Fh
0000h
C00h to DFFh 9800h to 9B7Fh
0000h
E00h to EFFh
9C00h to 9D7Fh
0000h
User data (Area5)
User data (Area6)
User data (Area7)
User data (Area0)
User data (Area1)
User data (Area2)
User data (Area3)
User data (Area4)
Each area can be protected by Area Password (refer to Chapter6.2). And the same area is allocated for
PermalockBlock (refer to Chapter5.1.3).
Regarding the memory access from RF communication (BlockWrite, BlockErase, and Read command), when
the address reaches to WordPtr=8F7Fh (WordAdr=7FFh) among the range specified by WordCount, the address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com