Electronic Components Datasheet Search
  English  ▼

X  

MB97R8110 Datasheet(PDF) 53 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 53 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 49Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 50Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 51Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 52Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 53Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 54Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 55Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 56Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 57Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
DS411-00007-3v1-E
53
MB97R8110
8.4.2 AC Characteristics
Table 8.4.2 – AC Characteristics
Parameter
Symbol
Value
Unit
Pin
MIN
TYP
MAX
SCK clock frequency
fCK
―
―
2
MHz
SCK
Clock high time
tCH
200
―
―
ns
SCK
Clock low time
tCL
200
―
―
ns
SCK
Chip select set time
tCSU
60
―
―
ns
XCS,SCK
Chip select hold time
tCSH
20
―
―
ns
XCS,SCK
Output enable time
tODLZ
20
ns
DO,SCK
Output disable time
tODz
―
―
60
ns
DO,SCK
Output data valid time
tODV
―
―
80
ns
DO,XCS
Output hold time
tOH
0
―
―
ns
DO,SCK
Deselect time
tD
280
―
―
ns
XCS
Data rise time
tR
―
―
5
ns
DI,XCS,SPIREQ
Data fall time
tF
―
―
5
ns
DI,XCS,SPIREQ
Data set up time
tDIS
20
―
―
ns
DI,SCK
Data hold time
TDIH
20
―
―
ns
DI,SCK
Figure 8.4.2 – SPI slave timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com