Electronic Components Datasheet Search
  English  ▼

X  

DAC80508Z Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC80508Z
Description  DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80508Z Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC80508Z Datasheet HTML 16Page - Texas Instruments DAC80508Z Datasheet HTML 17Page - Texas Instruments DAC80508Z Datasheet HTML 18Page - Texas Instruments DAC80508Z Datasheet HTML 19Page - Texas Instruments DAC80508Z Datasheet HTML 20Page - Texas Instruments DAC80508Z Datasheet HTML 21Page - Texas Instruments DAC80508Z Datasheet HTML 22Page - Texas Instruments DAC80508Z Datasheet HTML 23Page - Texas Instruments DAC80508Z Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
OUT0
DAC
Register
DAC
Buffer
Channel 0
Channel 1
Channel 2
Power Down Logic
Resistive Network
Power On Reset
DACx0508
OUT1
OUT2
REF
SCLK
SDI
SDO/ALARM or CLR
1
VDD
DAC
CS
INTERNAL
REFERENCE
VIO
GAIN
x1 OR x2
GND
BUF
Channel 3
OUT3
Channel 4
OUT4
Channel 5
OUT5
Channel 6
OUT6
Channel 7
OUT7
+1 OR +2
1
SDO/ALARM (DACx0508), CLR (DACx0508C)
20
DAC80508, DAC70508, DAC60508
SLASEL1D – JUNE 2017 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: DAC80508 DAC70508 DAC60508
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DACx0508 is a pin-compatible family of low-power, eight-channel, buffered voltage-output digital-to-analog
converters (DACs) with 16-, 14- and 12-bit resolution. The DACx0508 includes a 2.5 V internal reference and
user selectable gain configuration providing full scale output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1) or 5 V
(gain = 2). The device operates from a single 2.7 V to 5.5 V supply, is specified monotonic, and provides high
linearity of ±1 LSB INL.
Communication to the DACx0508 is performed through a serial interface that supports stand-alone and daisy-
chain operation. The optional frame-error checking provides added robustness to the DACx0508 serial interface.
The DACx0508 incorporates a power-on-reset circuit that powers up and maintains the DAC outputs at either
zero scale or midscale until a valid code is written to the device.
A dedicated clear pin (DACx0508C) enables a simultaneous update of multiple DAC channels to their power-on-
reset value.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com