Electronic Components Datasheet Search
  English  ▼

X  

DAC80508Z Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC80508Z
Description  DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80508Z Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC80508Z Datasheet HTML 24Page - Texas Instruments DAC80508Z Datasheet HTML 25Page - Texas Instruments DAC80508Z Datasheet HTML 26Page - Texas Instruments DAC80508Z Datasheet HTML 27Page - Texas Instruments DAC80508Z Datasheet HTML 28Page - Texas Instruments DAC80508Z Datasheet HTML 29Page - Texas Instruments DAC80508Z Datasheet HTML 30Page - Texas Instruments DAC80508Z Datasheet HTML 31Page - Texas Instruments DAC80508Z Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
28
DAC80508, DAC70508, DAC60508
SLASEL1D – JUNE 2017 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: DAC80508 DAC70508 DAC60508
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VIO), timed from a voltage level of (VIL + VIH)/2, VDD = 2.7 V to 5.5 V,
VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, SDO loaded with 20 pF, TA = -40°C to +125°C
(2)
Specified from a logic-low on CLR pin to when the DAC output starts to change. In the special case when the DAC output is at GND or
VDD, the CLR delay may be as long as 1 µs
8.5 Programming
The DACx0508 is controlled through a flexible serial interface that is compatible with SPI type interfaces used on
many microcontrollers and DSP controllers. Table 7 shows the SPI timing requirements. Figure 65 and Figure 66
show the SPI write and read timing diagrams, respectively.
Table 7. Programming Timing Requirements(1)
VIO = 1.7 V to 2.7 V
VIO = 2.7 V to 5.5 V
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
SERIAL INTERFACE – WRITE OPERATION
fSCLK
SCLK frequency
50
50
MHz
tSCLKHIGH
SCLK high time
9
9
ns
tSCLKLOW
SCLK low time
9
9
ns
tSDIS
SDI setup
5
5
ns
tSDIH
SDI hold
10
10
ns
tCSS
CS to SCLK falling edge setup
13
13
ns
tCSH
SCLK falling edge to CS rising edge
10
10
ns
tCSHIGH
CS high time
15
15
ns
tCSIGNORE
SCLK falling edge to CS ignore
7
7
ns
SERIAL INTERFACE – READ AND DAISY CHAIN OPERATION, FSDO = 0
fSCLK
SCLK frequency
12
18
MHz
tSCLKHIGH
SCLK high time
35
25
ns
tSCLKLOW
SCLK low time
35
25
ns
tSDIS
SDI setup
5
5
ns
tSDIH
SDI hold
10
10
ns
tCSS
CS to SCLK falling edge setup
32
20
ns
tCSH
SCLK falling edge to CS rising edge
10
10
ns
tCSHIGH
CS high time
15
15
ns
tSDODLY
SDO output delay from SCLK rising edge
3.5
33.5
3.5
23
ns
tSDODZ
SDO driven to tri-state
0
30
0
25
ns
tCSIGNORE
SCLK falling edge to CS ignore
7
7
ns
SERIAL INTERFACE – READ AND DAISY CHAIN OPERATION, FSDO = 1
fSCLK
SCLK frequency
20
25
MHz
tSCLKHIGH
SCLK high time
22
18
ns
tSCLKLOW
SCLK low time
22
18
ns
tSDIS
SDI setup
5
5
ns
tSDIH
SDI hold
10
10
ns
tCSS
CS to SCLK falling edge setup
32
20
ns
tCSH
SCLK falling edge to CS rising edge
10
10
ns
tCSHIGH
CS high time
15
15
ns
tSDODLY
SDO output delay from SCLK falling edge
3.5
45
3.5
32
ns
tSDODZ
SDO driven to tri-state
0
30
0
25
ns
tCSIGNORE
SCLK falling edge to CS ignore
7
7
ns
DIGITAL LOGIC
tRSTDLYPOR
POR reset delay
170
250
170
250
µs
tDACWAIT
Sequential DAC output updates
1
1
µs
tCLR
CLR pulse
20
20
ns
tCLRD
CLR delay(2)
100
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com