Electronic Components Datasheet Search
  English  ▼

X  

DAC80508Z Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC80508Z
Description  DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80508Z Datasheet(HTML) 1 Page - Texas Instruments

  DAC80508Z Datasheet HTML 1Page - Texas Instruments DAC80508Z Datasheet HTML 2Page - Texas Instruments DAC80508Z Datasheet HTML 3Page - Texas Instruments DAC80508Z Datasheet HTML 4Page - Texas Instruments DAC80508Z Datasheet HTML 5Page - Texas Instruments DAC80508Z Datasheet HTML 6Page - Texas Instruments DAC80508Z Datasheet HTML 7Page - Texas Instruments DAC80508Z Datasheet HTML 8Page - Texas Instruments DAC80508Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
OUT0
DAC
Register
DAC
Buffer
Channel 0
Channel 1
Channel 2
Power Down Logic
Resistive Network
Power On Reset
DACx0508
OUT1
OUT2
REF
SCLK
SDI
SDO/ALARM or CLR
1
VDD
DAC
CS
INTERNAL
REFERENCE
VIO
GAIN
x1 OR x2
GND
BUF
Channel 3
OUT3
Channel 4
OUT4
Channel 5
OUT5
Channel 6
OUT6
Channel 7
OUT7
+1 OR +2
1
SDO/ALARM (DACx0508), CLR (DACx0508C)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC80508, DAC70508, DAC60508
SLASEL1D – JUNE 2017 – REVISED AUGUST 2018
DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
1
1 Features
1
•
Performance
–
INL: ±1 LSB Maximum at 16-Bit Resolution
–
TUE: ±0.1% of FSR Maximum
•
Integrated 2.5 V Precision Internal Reference
–
Initial Accuracy: ±5 mV Maximum
–
Low Drift: 2 ppm/°C Typical, DAC80508
•
High Drive Capability: 20 mA with 0.5 V from
Supply Rails
•
Flexible Output Configuration
–
User Selectable Gain: 2, 1 or ½
–
Reset to Zero Scale or Midscale
–
Clear Output Function: DACx0508C
•
Wide Operating Range
–
Power Supply: 2.7 V to 5.5 V
–
Temperature Range: –40
˚C to 125˚C
•
50 MHz SPI Compatible Serial Interface
–
1.7 V to 5.5 V Operation
–
Daisy Chain Operation
–
CRC Error Check
•
Low Power: 0.6 mA/Channel at 5.5 V
•
Small Packages:
–
3 mm × 3 mm, 16-Pin WQFN
–
2.4 mm x 2.4 mm, 16-Pin DSBGA
2 Applications
•
Optical Networking
•
Wireless Infrastructure
•
Industrial Automation
•
Data Acquisition Systems
3 Description
The DACx0508 is a pin-compatible family of low
power, eight-channel, buffered voltage-output, digital-
to-analog converters (DACs) with 16-, 14- and 12-bit
resolution. The DACx0508 includes a 2.5-V, 5-
ppm/°C internal reference, eliminating the need for an
external precision reference in most applications. A
user selectable gain configuration provides full-scale
output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1)
or 5 V (gain = 2). The device operates from a single
2.7-V to 5.5-V supply, is specified monotonic and
provides high linearity of ±1 LSB INL.
Communication
to
the
DACx0508
is
performed
through a serial interface that operates at clock rates
up to 50 MHz. The VIO pin enables serial interface
operation from 1.7 V to 5.5 V. The DACx0508 flexible
interface enables operation with a wide range of
industry-standard
microprocessors
and
microcontrollers.
The DACx0508 incorporates a power-on-reset circuit
that powers up and maintains the DAC outputs at
either zero scale or midscale until a valid code is
written to the device. The device consumes low
current of 0.6 mA/channel at 5.5 V, making it suitable
for battery-operated equipment. A per-channel power-
down feature reduces the device current consumption
to 15 µA.
The DACx0508 is characterized for operation over
the temperature range of –40°C to 125°C and is
available in small packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx0508
WQFN (16)
3.00 mm × 3.00 mm
DSBGA (16)
2.40 mm x 2.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - DAC80508Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508ZCRTER TI1-DAC80508ZCRTER Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508ZCRTET TI1-DAC80508ZCRTET Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508ZCYZFR TI1-DAC80508ZCYZFR Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508ZCYZFT TI1-DAC80508ZCYZFT Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results

Similar Description - DAC80508Z

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com