Electronic Components Datasheet Search
  English  ▼

X  

DAC80508Z Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC80508Z
Description  DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80508Z Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC80508Z Datasheet HTML 17Page - Texas Instruments DAC80508Z Datasheet HTML 18Page - Texas Instruments DAC80508Z Datasheet HTML 19Page - Texas Instruments DAC80508Z Datasheet HTML 20Page - Texas Instruments DAC80508Z Datasheet HTML 21Page - Texas Instruments DAC80508Z Datasheet HTML 22Page - Texas Instruments DAC80508Z Datasheet HTML 23Page - Texas Instruments DAC80508Z Datasheet HTML 24Page - Texas Instruments DAC80508Z Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
REF
OUT
n
V
CODE
V
GAIN
DIV
2
u
u
R-2R
DAC output
DAC
Buffer Register
LDAC Trigger
(synchronous mode)
DAC
Active Register
Serial Interface
DAC Data Register
WRITE
READ
(asynchronous mode)
VOUT
Gain
(x1 or x2)
GND
2.5 V
Reference
REF
REF Divider
(÷1 or ÷2)
DIV
GAIN
Copyright © 2016, Texas Instruments Incorporated
21
DAC80508, DAC70508, DAC60508
www.ti.com
SLASEL1D – JUNE 2017 – REVISED AUGUST 2018
Product Folder Links: DAC80508 DAC70508 DAC60508
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Digital-to-Analog Converter (DAC) Architecture
Each output channel in the DACx0508 consists of an R-2R ladder architecture followed by an output buffer
amplifier. Figure 59 shows a block diagram of the DAC architecture.
Figure 59. DACx0508 DAC Block Diagram
8.3.1.1 DAC Transfer Function
The input data are written to the individual DAC Data registers in straight binary format. After a power-on or a
reset event, all DAC registers are set to either zero code (DACx0508Z) or midscale code (DACx0508M). The
DAC transfer function is given by Equation 1.
(1)
where:
CODE = decimal equivalent of the binary code that is loaded to the DAC register. CODE ranges from 0 to
2n – 1.
VREF = DAC reference voltage. Either VREFOUT from the internal 2.5 V reference or VREFIN if using an external
one.
n = resolution in bits. Either 12 (DAC60508), 14 (DAC70508) or 16 (DAC80508).
DIV = 1 or 2 as set by the REF-DIV bit in the GAIN register. Set to 1 by default.
GAIN = 1 or 2 as set by the BUFF-GAIN bit for that DAC channel in the GAIN register. Set to 1 by default in
DACx0508Z and to 2 in DACx0508M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com