Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8728 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 24Page - Texas Instruments DAC8728 Datasheet HTML 25Page - Texas Instruments DAC8728 Datasheet HTML 26Page - Texas Instruments DAC8728 Datasheet HTML 27Page - Texas Instruments DAC8728 Datasheet HTML 28Page - Texas Instruments DAC8728 Datasheet HTML 29Page - Texas Instruments DAC8728 Datasheet HTML 30Page - Texas Instruments DAC8728 Datasheet HTML 31Page - Texas Instruments DAC8728 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
5
4
3
2
1
0
-1
-2
-3
-4
-5
8
12
16
20
24
28
32
36
AV
(V)
DD
V
=2.048V
REF
Code=0100h
Gain=4
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
5
4
3
2
1
0
-1
-2
-3
-4
-5
8
12
16
20
24
28
32
36
AV
(V)
DD
V
=2.048V
REF
Gain=4
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
5
4
3
2
1
0
-1
-2
-3
-4
-5
0
2
4
1
3
5
6
V
(V)
REF
AV
=36V
DD
Code=0100h
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
5
4
3
2
1
0
-1
-2
-3
-4
-5
0
2
4
1
3
5
6
V
(V)
REF
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
V
=36V
REF
Code=0100h
Gain=4
5
4
3
2
1
0
-1
-2
-3
-4
-5
0
2
4
1
3
5
6
V
(V)
REF
AV
=36V
DD
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
5
4
3
2
1
0
-1
-2
-3
-4
-5
0
2
4
1
3
5
6
V
(V)
REF
AV
=36V
DD
Gain=4
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: Single-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +32V, and gain = 6, unless otherwise noted.
ZERO-SCALE ERROR
GAIN ERROR
vs AVDD
vs AVDD
Figure 74.
Figure 75.
ZERO-SCALE ERROR
ZERO-SCALE ERROR
vs REFERENCE VOLTAGE
vs REFERENCE VOLTAGE
Figure 76.
Figure 77.
GAIN ERROR
GAIN ERROR
vs REFERENCE VOLTAGE
vs REFERENCE VOLTAGE
Figure 78.
Figure 79.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com