Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 32 Page - Texas Instruments

Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8728 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 28Page - Texas Instruments DAC8728 Datasheet HTML 29Page - Texas Instruments DAC8728 Datasheet HTML 30Page - Texas Instruments DAC8728 Datasheet HTML 31Page - Texas Instruments DAC8728 Datasheet HTML 32Page - Texas Instruments DAC8728 Datasheet HTML 33Page - Texas Instruments DAC8728 Datasheet HTML 34Page - Texas Instruments DAC8728 Datasheet HTML 35Page - Texas Instruments DAC8728 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
REF
R
R
R
R
ToOutput
Amplifier
R
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
THEORY OF OPERATION
GENERAL DESCRIPTION
The DAC8728 contains eight DAC channels and eight output amplifiers in a single package. Each channel
consists of a resistor-string DAC followed by an output buffer amplifier. The resistor-string section is simply a
string of resistors, each with a value of R, from REF to AGND, as shown in Figure 95. This type of architecture
provides DAC monotonicity. The 16-bit binary digital code loaded to the DAC register determines at which node
on the string the voltage is tapped off before being fed into the output amplifier. The output amplifier multiplies
the DAC output voltage by a gain of six or four. The output span is 9V with a 1.5V reference, 18V with a 3V
reference, and 30V for a 5V reference when using dual power supplies of ±16.5V and a gain of 6.
Figure 95. Resistor String
CHANNEL GROUPS
The eight DAC channels and two Offset DACs are arranged into two groups (A and B) with four channels and
one Offset DAC per group. Group A consists of DAC-0, DAC-1, DAC-2, DAC-3, and Offset DAC-A. Group B
consists of DAC-4, DAC-5, DAC-6, DAC-7, and Offset DAC-B. Group A derives its reference voltage from
REF-A, and Group B derives its reference voltage from REF-B.
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com