Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8728 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 4Page - Texas Instruments DAC8728 Datasheet HTML 5Page - Texas Instruments DAC8728 Datasheet HTML 6Page - Texas Instruments DAC8728 Datasheet HTML 7Page - Texas Instruments DAC8728 Datasheet HTML 8Page - Texas Instruments DAC8728 Datasheet HTML 9Page - Texas Instruments DAC8728 Datasheet HTML 10Page - Texas Instruments DAC8728 Datasheet HTML 11Page - Texas Instruments DAC8728 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: Single-Supply (continued)
All specifications at TA = TMIN to TMAX, AVDD = +32V, AVSS = 0V, DVDD = +5V, REF-A and REF-B = +5V, gain = 6, AGND-x =
DGND = 0V, and OFFSET-A = OFFSET-B = AGND, unless otherwise noted.
DAC8728
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Channel-to-channel isolation(8)
VREF = 4VPP, f = 1kHz
88
dB
DACs in the same group
10
nV-s
DAC-to-DAC crosstalk(9)
DACs among different groups
1
nV-s
Digital crosstalk(10)
1
nV-s
Digital feedthrough(11)
1
nV-s
TA = +25°C at 10kHz, gain = 6
200
nV/
√Hz
Output noise
TA = +25°C at 10kHz, gain = 4
130
nV/
√Hz
0.1Hz to 10Hz, gain = 6
20
μVPP
Power-supply rejection(12)
AVDD = +33V to +36V
0.05
LSB
ANALOG MONITOR PIN (VMON)
Output impedance(13)
TA = +25°C
2000
Ω
Three-state leakage current
100
nA
REFERENCE INPUT
Reference input voltage
1.0
5.5
V
range(14)
Reference input dc impedance
10
M
Ω
Reference input capacitance
10
pF
DIGITAL INPUT(15)
IOVDD = +4.5V to +5.5V
3.8
0.3 + IOVDD
V
High-level input voltage, VIH
IOVDD = +2.7V to +3.3V
2.3
0.3 + IOVDD
V
IOVDD = +1.7V to 2.0V
1.5
0.3 + IOVDD
V
IOVDD = +4.5V to +5.5V
–0.3
0.8
V
Low-level input voltage, VIL
IOVDD = +2.7V to +3.3V
–0.3
0.6
V
IOVDD = +1.7V to 2.0V
–0.3
0.3
V
CLR, LDAC, RST, A0 to A4, R/W, and CS
±1
μA
Input current
USB/BTC, RSTSEL, and D0 to D15, and GPIO
±5
μA
CLR, LDAC, RST, A0 to A4, R/W, and CS
5
pF
Input capacitance
USB/BTC, RSTSEL, and D0 to D15
12
pF
GPIO
14
pF
DIGITAL OUTPUT(15)
IOVDD = +2.7V to +5.5V, sourcing 1mA
IOVDD – 0.4
IOVDD
V
High-level output voltage, VOH
(D0 to D15)
IOVDD = +1.8V, sourcing 200μA
1.6
IOVDD
V
IOVDD = +2.7V to +5.5V, sinking 1mA
0
0.4
V
Low-level output voltage, VOL
(D0 to D15, BUSY, and GPIO)
IOVDD = +1.8V, sinking 200μA
0
0.2
V
High-impedance leakage current D0 to D13, BUSY, and GPIO
±5
μA
High-impedance output
BUSY and GPIO
14
pF
capacitance
(8)
Channel-to-channel isolation refers to the ratio of the signal amplitude at the output of one DAC channel to the amplitude of the
sinusoidal signal on the reference input of another DAC channel. It is expressed in dB and measured at midscale.
(9)
DAC-to-DAC crosstalk is the glitch impulse that appears at the output of one DAC as a result of both the full-scale digital code and
subsequent analog output change at another DAC. It is measured with LDAC tied low and expressed in nV-s.
(10) Digital crosstalk is the glitch impulse transferred to the output of one converter as a result of a full-scale code change in the DAC input
register of another converter. It is measured when the DAC output is not updated, and is expressed in nV-s.
(11) Digital feedthrough is the glitch impulse injected to the output of a DAC as a result of a digital code change in the DAC input register of
the same DAC. It is measured with the full-scale digital code change without updating the DAC output, and is expressed in nV-s.
(12) The analog output must not be greater than (AVDD – 0.5V).
(13) 8000
Ω when VMON is connected to Reference Buffer A or B.
(14) Reference input voltage
≤ DVDD.
(15) Specified by design.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com