Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 34 Page - Texas Instruments

Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8728 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 30Page - Texas Instruments DAC8728 Datasheet HTML 31Page - Texas Instruments DAC8728 Datasheet HTML 32Page - Texas Instruments DAC8728 Datasheet HTML 33Page - Texas Instruments DAC8728 Datasheet HTML 34Page - Texas Instruments DAC8728 Datasheet HTML 35Page - Texas Instruments DAC8728 Datasheet HTML 36Page - Texas Instruments DAC8728 Datasheet HTML 37Page - Texas Instruments DAC8728 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
V
=
OUT
V
Gain
REF ´
´
INPUT_CODE
65536
´
OFFSETDAC_CODE
65536
V
(Gain
1)
-
´
-
REF
V
=
OUT
V
Gain
REF ´
´
DAC_DATA_CODE
65536
´
OFFSETDAC_CODE
65536
V
(Gain
1)
-
´
-
REF
DAC_DATA_CODE =
INPUT_CODE
(USER_GAIN+2
15
´
)
2
16
+USER_ZERO
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
If the user-calibration function is not needed, the correction engine can be turned off to speed up the device.
Setting the SCE bit in the Configuration Register to '0' turns off the correction engine. Setting SCE to '1' enables
the correction engine. When SCE = '0' (default), the data are directly transferred to the DAC Data Register. In
this case, writing to the Gain Register or Zero Register updates the Gain and Zero registers but does not start a
math engine calculation. Reading these registers returns the written values.
ANALOG OUTPUTS (VOUT-0 to VOUT-7, with reference to the ground of REF-x)
When the correction engine is off (SCE = '0'):
(1)
SPACE
When the correction engine is on (SCE = '1'):
(2)
SPACE
Where:
Gain = the DAC gain defined by the GAIN bit in the Configuration Register.
INPUT_CODE = the data written into the Input Data Register.
OFFSETDAC_CODE = the data written into the Offset DAC Register.
USER_GAIN = the code of the Gain Register.
USER_ZERO = the code of the Zero Register.
For single-supply operation, the OFFSET-A pin must be connected to the AGND-A pin and the OFFSET-B pin
must be connected to the AGND-B pin. Offset DAC-A and Offset DAC-B are in a power-down state.
For dual-supply operation, the OFFSET-A and OFFSET-B default code for a gain of 6 is 39322 with a ±10 LSB
variation, depending on the linearity of the Offset DACs. The default code for a gain of 4 is 43691 with a ±10 LSB
variation. The default code of OFFSET-A and OFFSET-B are independently factory trimmed for both gains of 6
and 4.
The power-on default value of the Gain Register is 32768, and the default value of the Zero Register is '0'. The
DAC input registers are set to a default value of 0000h.
Note that the maximum output voltage must not be greater than (AVDD – 0.5V) and the minimum output voltage
must not be less than (AVSS + 0.5V); otherwise, the output may be saturated.
34
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com