Electronic Components Datasheet Search
  English  ▼

X  

L9678P Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 8Page - STMicroelectronics L9678P Datasheet HTML 9Page - STMicroelectronics L9678P Datasheet HTML 10Page - STMicroelectronics L9678P Datasheet HTML 11Page - STMicroelectronics L9678P Datasheet HTML 12Page - STMicroelectronics L9678P Datasheet HTML 13Page - STMicroelectronics L9678P Datasheet HTML 14Page - STMicroelectronics L9678P Datasheet HTML 15Page - STMicroelectronics L9678P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 215 page
background image
Description
L9678P, L9678P-S
12/216
DS11626 Rev 9
1
Description
The L9678P IC is a system chip solution targeted for emerging market applications. Base
system designs can be completed with the L9678P, SPC560Px microcontroller and an on-
board acceleration sensor or PSI5 sensor.
Energy reserve voltage is derived through a cost effective high frequency boost regulator.
High frequency operation allows the user to pick up low value and cheap inductance. The
voltage is programmable to 23 V or 33 V nominal.
Battery voltage is sensed through the VBATMON pin providing start-up and shutdown
control for the system. Once battery voltage drops below the minimum operating voltage,
the device enables the integrated crossover switch to permit orderly shutdown.
L9678P offers two linear regulators (5 V with external pass transistor and fully integrated
3.3 V). User can use one of these regulators to supply µC. Input/output pins are compatible
with both ranges by dedicated supply pin VDDQ. External pass transistor gives the flexibility
to easily address different current loads in case of different micro-controllers.
One optional 7.2 V linear regulator with external pass transistor can be used to supply
remote sensor interface.
External acceleration data is received through the PSI-5 remote sensor interface. Both
channels have independent decoders. Sensor data and diagnostics are available via SPI.
The safing logic monitors inertial sensors (remote sensors via PSI-5 or on-board sensors via
SPI) to determine if a crash event is in progress, thereby enabling deployment to occur.
Parameters for sensor configuration and thresholds are user programmable.
Squib/pyroswitch/pyroswitch deployment uses four independent high and low side drivers,
capable of deploying at 25 V max. Diagnostic data control is provided through the SPI
interface.
The Hall-effect, resistive or switch sensor interface can be used to determine the state of
external switch devices, such as buckle switches, seat track position sensors, weight
sensors, deactivation switches.
The integrated clock module provides a fixed clock signal for the microcontroller. The clock
module provides the user the option of deleting the commonly used resonator or crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com