Electronic Components Datasheet Search
  English  ▼

X  

L9678P Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 16Page - STMicroelectronics L9678P Datasheet HTML 17Page - STMicroelectronics L9678P Datasheet HTML 18Page - STMicroelectronics L9678P Datasheet HTML 19Page - STMicroelectronics L9678P Datasheet HTML 20Page - STMicroelectronics L9678P Datasheet HTML 21Page - STMicroelectronics L9678P Datasheet HTML 22Page - STMicroelectronics L9678P Datasheet HTML 23Page - STMicroelectronics L9678P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 215 page
background image
Overview and block diagram
L9678P, L9678P-S
20/216
DS11626 Rev 9
Figure 2. Functional block diagram
SS23
SF0
SG01
Squib drivers
and
Diagnostic
Optional
L9678P-S
Vbat
VIN
ERBSTSW
VER
ERBOOST
VBatMon
VDD5
BSTGND
Safing
regulator
1mF to 10mF
BVDD5
VDD3V3
VSUP
BVSUP
VDDQ
VSF
VRESDIAG *
WAKEUP
VIgn
GPOD0
SS01
GNDD
GNDA
Enable
Control
Satellite Driver &
Decoder
Decoder
RSU0
ACL
FENL
GNDSUBx
GNDSUB2
Vbat
FENH
ARM
SS16
10
μH, 0.5
1A
100nF
4.7 F
3k
3k
RSU1
DCS0
DCS1
DCS2
DCS3
CVDD
100nF
SG23
SF1
SF2
SF3
SR0
SR1
SR2
SR3
22nF
22nF
GPOD1
GPOS0
GPOS1
4.7nF
361
10nF
uC_FLEN
22nF
510
100μF, 4
+ 100nF
4.7 F
4.7 F
BCP53
BCP53
22nF
VDD5
linear
regulator
VSUP
linear
regulator
Digital
block
VINT3V3
reg . for
analog
block
Digital
Outputs
CVDD reg for
digital block
VDD3V3
linear reg .
ER
Boost
ER Switch
ER Charge
GPO
drivers
supply
HV analog MUX
and
AtoD converter
(10 bits )
Enable
Control
DC / Hall sensor interface
ISO9141
transceiver
System control
&
configuration
Safing
Logic
100nF
2.2uF
2.2uF
0.47
GAPGPS01106
* VRESDIAG can be connected either to ERBOOST or VSUP or VIN.
L9678P-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com