Electronic Components Datasheet Search
  English  ▼

X  

L9678P Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 37Page - STMicroelectronics L9678P Datasheet HTML 38Page - STMicroelectronics L9678P Datasheet HTML 39Page - STMicroelectronics L9678P Datasheet HTML 40Page - STMicroelectronics L9678P Datasheet HTML 41Page - STMicroelectronics L9678P Datasheet HTML 42Page - STMicroelectronics L9678P Datasheet HTML 43Page - STMicroelectronics L9678P Datasheet HTML 44Page - STMicroelectronics L9678P Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 215 page
background image
DS11626 Rev 9
41/216
L9678P, L9678P-S
SPI interface
214
The L9678P checks the validity of the received WID and RID fields in the SPI_MOSI frame.
Should a SPI write command with WID matching a writeable register be received in an
illegal operating state, the command will be discarded and the ERR_WID bit will be flagged
in the next Global Status Word GSW. The ERR_WID flag is not set in case WID is
addressing a read/only register. Should a SPI read command be received containing an
unused RID address, the command will be discarded and the ERR_RID bit will be flagged in
the current GSW.