Electronic Components Datasheet Search
  English  ▼

X  

L9678P Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 21Page - STMicroelectronics L9678P Datasheet HTML 22Page - STMicroelectronics L9678P Datasheet HTML 23Page - STMicroelectronics L9678P Datasheet HTML 24Page - STMicroelectronics L9678P Datasheet HTML 25Page - STMicroelectronics L9678P Datasheet HTML 26Page - STMicroelectronics L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 215 page
background image
DS11626 Rev 9
25/216
L9678P, L9678P-S
Start-up power control
214
4.2.5
Power-up and power-down sequence
The behavior of the IC during normal power-up and power-down is shown from Figure 5 to
Figure 8. The following sequences represent just a subset of all possible power-up and
power-down scenarios.
In Figure 5 a normal IC power-up controlled by the state of the WAKEUP pin is shown.
Figure 5. Normal power-up sequence - WAKEUP controlled
Watchdog
X
X
X
-
-
-
-
Diagnostics
X
X
X
-
-
-
-
DC sensor interface
X
X
X
-
-
-
-
GPO drivers
X
X
X
-
-
-
-
Safing logic
X
X
X
-
-
-
-
ISO9141
X
X
X
-
-
-
-
Table 4. Functions disabling by state (continued)
Function
Power
Off
Wake-up
monitor
Awake Start-up
Run
Power
mode
shutdown
ER
VIN current
VBAT
(VBATmon)
WAKEUP
VINT, CVDD
POR
ERBOOST
WU_mon
WU_on
VDD5
VDD3V3
VDD3V3_U
V
RESET
RESET
Hold Time
SPI ER
charge on
VER
VBGOOD
GAPGPS02863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com