Electronic Components Datasheet Search
  English  ▼

X  

STA333IS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA333IS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 1 Page - STMicroelectronics

  STA333IS Datasheet HTML 1Page - STMicroelectronics STA333IS Datasheet HTML 2Page - STMicroelectronics STA333IS Datasheet HTML 3Page - STMicroelectronics STA333IS Datasheet HTML 4Page - STMicroelectronics STA333IS Datasheet HTML 5Page - STMicroelectronics STA333IS Datasheet HTML 6Page - STMicroelectronics STA333IS Datasheet HTML 7Page - STMicroelectronics STA333IS Datasheet HTML 8Page - STMicroelectronics STA333IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
This is information on a product in full production.
March 2019
DocID022855 Rev 4
1/43
43
STA333IS
Sound Terminal®
2-channel high-efficiency digital audio system
Datasheet
- production data
Features
 Wide-range supply voltage (4.5 V - 20 V)
 2 channels of ternary PWM (stereo mode)
 2 channels of 24-bit FFX™
 100 dB SNR and dynamic range
 Selectable 32- to 192-kHz input sampling rates
 Digital gain -80 dB to +48 dB in 0.5 dB steps
 Software volume update
 Individual channel and master gain/attenuation
 Individual channel and master software and
hardware mute
 Independent channel volume bypass
 Automatic zero-detect mute
 Automatic invalid input detect mute
 Short-circuit detection at startup (Out-Vcc, Out-
Gnd, Out 1b-Out 2a)
 2-channel I2S input data interface
 2 Hz DC cut filter (input)
 Input channel mapping
 Automatic volume control for limiting maximum
power
 96 kHz internal processing sampling rate,
24-bit precision
 Advanced modes for AM interference
frequency switching and noise suppression
 Embedded thermal-overload and short-circuit
protection
 Video application: 576 * f
S input mode support
Applications
 LCDs
 DVDs
 Cradles
 Digital speakers
 Wireless-speaker cradles
Description
The STA333IS is an integrated circuit comprising
digital audio processing, digital amplifier control
and an FFX™ power output stage to create a
high-power, single-chip FFX solution for all-digital
amplification with high quality and high efficiency.
The STA333IS power section consists of four
independent half-bridge stages. Two channels
can be provided by two full bridges, delivering up
to 10 W + 10 W of power.
Also featured in the STA333IS are new advanced
modes for reducing AM radio interference. The
serial audio data input interface accepts all
possible formats, including the popular I2S format.
Two channels of FFX™ processing are provided.
The STA333IS is part of the Sound Terminal®
family that provides full digital audio streaming to
the speaker, offering cost effectiveness, low-
power dissipation and sound enrichment.
CSP 5x6 array
Table 1. Device summary
Order code
Package
Packaging
STA333IS
CSP 5x6 array
Tape and reel
www.st.com


Similar Part No. - STA333IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
100 dB SNR and dynamic range
April 2013 Rev 3
More results

Similar Description - STA333IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
2-channel microless high-efficiency digital audio system Sound Terminal®
18-Jul-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com