Electronic Components Datasheet Search
  English  ▼

X  

STA333IS Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA333IS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 6Page - STMicroelectronics STA333IS Datasheet HTML 7Page - STMicroelectronics STA333IS Datasheet HTML 8Page - STMicroelectronics STA333IS Datasheet HTML 9Page - STMicroelectronics STA333IS Datasheet HTML 10Page - STMicroelectronics STA333IS Datasheet HTML 11Page - STMicroelectronics STA333IS Datasheet HTML 12Page - STMicroelectronics STA333IS Datasheet HTML 13Page - STMicroelectronics STA333IS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Electrical specifications
STA333IS
10/43
DocID022855 Rev 4
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 3: Absolute maximum
ratings may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device
at these or any other conditions beyond those indicated in
Table 5: Recommended operating conditions are not implied.
Exposure to absolute maximum rated conditions for
extended periods may affect device reliability. In the real
application, a power supply with nominal value rated within
the limits of the recommended operating conditions may rise
beyond the maximum operating conditions for a short time
when no or very low current is sunk (amplifier in mute state).
In this case the reliability of the device is guaranteed,
provided that the absolute maximum ratings are not
exceeded.
3.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Analog supply voltage (pins VCCx)
-0.3
-
22
V
VDD
Digital supply voltage (pins VDD_DIG)
-0.3
-
4.0
V
IL
Logic input interface
-0.3
-
4.0
V
Top
Operating junction temperature
0
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Table 4. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
RTh(j-a)
Thermal resistance junction-to-ambient(1)
1. Measurements performed on ST 2-layer reference board (1 oz. PCB, 3.8 cm2 exposed copper
dissipation area)
-45
-
°C/W
Tsd
Thermal shutdown junction temperature
140
150
160
°C
Tw
Thermal warning temperature
-
130
-
°C
Thsd
Thermal shutdown hysteresis
18
20
22
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com