Electronic Components Datasheet Search
  English  ▼

X  

STA333IS Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA333IS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 8Page - STMicroelectronics STA333IS Datasheet HTML 9Page - STMicroelectronics STA333IS Datasheet HTML 10Page - STMicroelectronics STA333IS Datasheet HTML 11Page - STMicroelectronics STA333IS Datasheet HTML 12Page - STMicroelectronics STA333IS Datasheet HTML 13Page - STMicroelectronics STA333IS Datasheet HTML 14Page - STMicroelectronics STA333IS Datasheet HTML 15Page - STMicroelectronics STA333IS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Electrical specifications
STA333IS
12/43
DocID022855 Rev 4
3.5
Electrical specifications - power section
The specifications in Table 7 below are given for the conditions VCC = 13 V, VDD = 3.3 V,
fSW = 384 kHz, Tamb = 25 °C and RL = 8 , unless otherwise specified.
Table 7. Electrical specifications for power section
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
Po
Output power BTL
THD = 1%
-
8
-
W
THD = 10%
-
10
-
RdsON
Power P-channel/N-channel
MOSFET (total bridge)
ld = 1 A
-
110
-
m
ldss
Power P-channel/N-channel leakage VCC = 20 V
-
-
10
µA
gP
Power P-channel RdsON matching
ld = 1 A
95
-
-
%
gN
Power N-channel RdsON matching
ld = 1 A
95
-
-
%
ILDT
Low-current dead time (static)
Resistive load, refer to Figure 4
-
5
10
ns
IHDT
High-current dead time (dynamic)
Refer to Figure 5
-10
20
ns
tr
Rise time
Resistive load, refer to Figure 4
-
8
10
ns
tf
Fall time
Resistive load, refer to Figure 4
-
8
10
ns
VCC
Supply voltage
-
4.5
-
20
V
IVCC
Supply current from VCC in power-
down
At power-ON (EAPD bit = 0)
30
60
200
µA
Supply current from VCC in
operation
PCM input signal = -60 dBfs
Internal clock = 49.152 MHz
Switching frequency = 384 kHz
No LC filters
-30
50
mA
IVDD_DIG
Supply current for FFX processing
(reference only)
-30
50
mA
Supply current in standby
(PWDN bit = 0)
-
11
25
mA
ILIM
Overcurrent limit
Non-linear output (1)
2.2
3.5
4.3
A
ISCP
Short-circuit protection
High-impedance output (2)
2.7
3.8
5.0
A
VUVP
Undervoltage protection threshold
-
-
3.5
4.3
V
tmin
Output minimum pulse width
No load
20
30
60
ns
THD+N
Total harmonic distortion and noise
FFX stereo mode, Po = 1 W, f = 1 kHz
-
0.05
-
%
DR
Dynamic range
-
-
100
-
dB
SNR
Signal to noise ratio in ternary mode A-weighted
-
100
-
dB
Signal to noise ratio in binary mode
A-weighted
-
90
-
PSRR
Power supply rejection ratio
FFX stereo mode, < 5 kHz,
VRIPPLE = 1 V RMS
audio input = dither only
-80-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com