Electronic Components Datasheet Search
  English  ▼

X  

DS160PR810 Datasheet(PDF) 23 Page - Texas Instruments

Part # DS160PR810
Description  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS160PR810 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DS160PR810 Datasheet HTML 19Page - Texas Instruments DS160PR810 Datasheet HTML 20Page - Texas Instruments DS160PR810 Datasheet HTML 21Page - Texas Instruments DS160PR810 Datasheet HTML 22Page - Texas Instruments DS160PR810 Datasheet HTML 23Page - Texas Instruments DS160PR810 Datasheet HTML 24Page - Texas Instruments DS160PR810 Datasheet HTML 25Page - Texas Instruments DS160PR810 Datasheet HTML 26Page - Texas Instruments DS160PR810 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
8.2.1 PCIe x16 Lane Configuration
The DS160PR810 can be used in server or motherboard applications to boost transmit and receive signals to
increase the reach of the host or root complex processor to PCI Express slots/connectors. The section outlines
detailed procedure and design requirement for a typical PCIe x16 lane confuration. However, the design
recommendations can be used in any lane configuration.
8.2.1.1 Design Requirements
As with any high-speed design, there are many factors which influence the overall performance. The following
list indicates critical areas for consideration during design.
• Use 85 Ω impedance traces when interfacing with PCIe CEM connectors. Length matching on the P and N
traces should be done on the single-end segments of the differential pair.
• Use a uniform trace width and trace spacing for differential pairs.
• Place AC-coupling capacitors near to the receiver end of each channel segment to minimize reflections.
• For PCIe Gen 3.0 and Gen 4.0, AC-coupling capacitors of 220 nF are recommended, set the maximum body
size to 0402, and add a cutout void on the GND plane below the landing pad of the capacitor to reduce
parasitic capacitance to GND.
• Back-drill connector vias and signal vias to minimize stub length.
• Use reference plane vias to ensure a low inductance path for the return current.
8.2.1.2 Detailed Design Procedure
In PCIe Gen 4.0 and Gen 3.0 applications, the specification requires Rx-Tx (of root-complex and endpoint) link
training to establish and optimize signal conditioning settings at 16 Gbps and 8 Gbps, respectively. In link
training, the Rx partner requests a series of FIR – preshoot and deemphasis coefficients (10 Presets) from the
Tx partner. The Rx partner includes 7-levels (6 dB to 12 dB) of CTLE followed by a single tap DFE. The link
training would pre-condition the signal, with an equalized link between the root-complex and endpoint resulting
an optimized link. Note that there is no link training in PCIe Gen 1.0 (2.5 Gbps) or PCIe Gen 2.0 (5.0 Gbps)
applications.
For operation in PCIe 4.0 or 3.0 links, the DS160PR810 is designed with linear datapth to pass the Tx preset
signaling (by root complex and end point) onto the Rx (of root complex and end point) to train and optimize the
equalization settings. The linear redriver device helps extend the PCB trace reach distance by boosting the
attenuated signals with its equalization, which allows the user to recover the signal by the downstream Rx more
easily. The device must be placed in between the Tx and Rx (of root complex and end point) such a way that
both RX and TX signal swing stays within the linearity range of the device. Adjustments to the device EQ setting
should be performed based on the channel loss to optimize the eye opening in the Rx partner. The available EQ
gain settings are provided in Table 7-1. For most PCIe systems the default DC gain setting GAIN = floating
would be sufficient.
The DS160PR810 can be optimized for a given system utlizing its three configuration modes - Pin Mode,
SMBus/I2C Master Mode and SMBus/I2C Slave Mode. In SMBus/I2C modes the SCL, SDA pins must be pulled
up to a 3.3 V supply with a pull-up resistor. The value of the resistor depends on total bus capacitance. 4.7 kΩ is
a good first approximation for a bus capacitance of 10 pF.
www.ti.com
DS160PR810
SNLS658 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DS160PR810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com