Electronic Components Datasheet Search
  English  ▼

X  

DS160PR810 Datasheet(PDF) 28 Page - Texas Instruments

Part # DS160PR810
Description  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS160PR810 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DS160PR810 Datasheet HTML 24Page - Texas Instruments DS160PR810 Datasheet HTML 25Page - Texas Instruments DS160PR810 Datasheet HTML 26Page - Texas Instruments DS160PR810 Datasheet HTML 27Page - Texas Instruments DS160PR810 Datasheet HTML 28Page - Texas Instruments DS160PR810 Datasheet HTML 29Page - Texas Instruments DS160PR810 Datasheet HTML 30Page - Texas Instruments DS160PR810 Datasheet HTML 31Page - Texas Instruments DS160PR810 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
9 Power Supply Recommendations
Follow these general guidelines when designing the power supply:
1. The power supply should be designed to provide the operating conditions outlined in the recommended
operating conditions section in terms of DC voltage, AC noise, and start-up ramp time.
2. The DS160PR810 does not require any special power supply filtering, such as ferrite beads, provided that the
recommended operating conditions are met. Only standard supply decoupling is required. Typical supply
decoupling consists of a 0.1 µF capacitor per VCC pin, one 1.0 µF bulk capacitor per device, and one 10 µF
bulk capacitor per power bus that delivers power to one or more devices. The local decoupling (0.1 µF)
capacitors must be connected as close to the VCC pins as possible and with minimal path to the device
ground pad.
3. The DS160PR810 voltage regulator output pins require decoupling caps of 0.1 µF near each pins. The
regulator is only for internal use. Do not use to provide power to any external component.
DS160PR810
SNLS658 – DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com