Electronic Components Datasheet Search
  English  ▼

X  

DS160PR810 Datasheet(PDF) 30 Page - Texas Instruments

Part # DS160PR810
Description  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS160PR810 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DS160PR810 Datasheet HTML 26Page - Texas Instruments DS160PR810 Datasheet HTML 27Page - Texas Instruments DS160PR810 Datasheet HTML 28Page - Texas Instruments DS160PR810 Datasheet HTML 29Page - Texas Instruments DS160PR810 Datasheet HTML 30Page - Texas Instruments DS160PR810 Datasheet HTML 31Page - Texas Instruments DS160PR810 Datasheet HTML 32Page - Texas Instruments DS160PR810 Datasheet HTML 33Page - Texas Instruments DS160PR810 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
10.2 Layout Example
Place decoupling
capacitors close to
VCC and VREG1,2
pins; minimize
ground loops
Ensure pair-pair gap
is > 5W* for minimal
pair-pair coupling
Top Layer
Route high-speed
traces as differential
coupled microstrips
(S=2W*) with tight
impedance control
(±10%)
Use ac-coupling
capacitors with 0201
package
*W is a trace width. S is a gap between adjacent traces.
Ensure high-speed
trace length is
matched with ” 5 mils
intra-pair; pair-pair
skew is less critical
Avoid acute angles
when routing high-
speed traces
Add ground pours for
additional isolation
Bottom Layer
Follow connector
manufacturer
guidelines
Use recommended
package footprint and
ground via placement
Figure 10-1. DS160PR810 Layout Example - Sub-Section of a PCIe Riser Card With CEM Connectors
DS160PR810
SNLS658 – DECEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com