Electronic Components Datasheet Search
  English  ▼

X  

KXG0905AV Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KXG0905AV
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KXG0905AV Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KXG0905AV Datasheet HTML 1Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 2Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 3Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 4Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 5Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
志豐電子股份有限公司
KINGSTATE ELECTRONICS CORP 2/6 KXG0905AV
A. SCOPE 範疇
This specification applies magnetic buzzer, KXG0905AV
此規格書適用於電磁式蜂鳴器
, KXG0905AV
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
5.0
Vo-p
0V
2
Operating Volt.
操作電壓
Vo-p
3.0 ~6.0
3
Mean Current
平均耗電流
mA
Max. 70
Applying rated voltage,4000Hz square wave,
1/2duty
施以額定電壓
,4000Hz,方波, 50%負載
4
Coil Resistance
直流阻抗
Ω
30.0 ±5.0
5
Sound Output
輸出音壓
dBA
Min.85
Distance at 10cm(A-weight free air). Applying
rated voltage 4000Hz,square wave, 1/2duty
在自由音場
10 公分處,施以額定電壓, 4000Hz,方
波
, 50%負載.
6
Rated Frequency
額定頻率
Hz
4000
7
Operating Temp.
操作溫度
℃
-35 ~ +80
8
Storage Temp.
儲存溫度
℃
-40 ~ +85
9
Dimension
尺寸
mm
φ
9.0 × H5.5
See attached drawing.
請參照外觀尺寸圖
10
Weight
重量
gram
0.65
11
Material
材質
PBT(Black)
12
Terminal
端子
Pin type
(鍍全錫/Plating Sn)
See attached drawing.
請參照外觀尺寸圖
13
Environmental
Protection Regulation
環保法規
RoHS2.0
14
Storage life
保存期限
month
6
6 months preservation at room temp.(25±3℃),
Humidity40%
在室溫下
25±3℃,濕度 40%以下可保存 6 個月.
C. TYPICAL FREQUENCY RESPONSE CURVE 頻率響應曲線
5 0
2 0
7 0
6 0
8 0
2 0 0
H z
2 K
2 0 K
1 0 0
9 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com