Electronic Components Datasheet Search
  English  ▼

X  

KXG0905AV Datasheet(PDF) 6 Page - Kingstate Electronics Corp.

Part # KXG0905AV
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KXG0905AV Datasheet(HTML) 6 Page - Kingstate Electronics Corp.

  KXG0905AV Datasheet HTML 1Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 2Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 3Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 4Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 5Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
志豐電子股份有限公司
KINGSTATE ELECTRONICS CORP 6/6 KXG0905AV
J. PACKING STANDARD 包裝規格
Out Box
200mmx190mmx100mm
440mmx400mmx310mm
Out Box
Carton Box
10LAYERx100PCS=1000PCS
1000PCSx12=12000PCS
Carton Box
400m
m
440
mm
(10PCS Tray)
Tray
184mmx184mmx23mm
10x10PCS=100PCS
(12PCS Out Box)
TRAY
100PCS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com