Electronic Components Datasheet Search
  English  ▼

X  

KXG0905AV Datasheet(PDF) 4 Page - Kingstate Electronics Corp.

Part # KXG0905AV
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KXG0905AV Datasheet(HTML) 4 Page - Kingstate Electronics Corp.

  KXG0905AV Datasheet HTML 1Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 2Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 3Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 4Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 5Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
志豐電子股份有限公司
KINGSTATE ELECTRONICS CORP 4/6 KXG0905AV
F. MECHANICAL CHARACTERISTICS 機械特性
No.
Item
Test condition
Evaluation standard
1
Solderability
焊錫附著性
Lead terminals are immersed in rosin for 5 seconds and then
immersed in solder bath of +270±5℃ for 3±1 seconds.
端子部份浸入松香溶液
5 秒後,再浸入+270±5℃溶融焊鍚槽中
3±1 秒.
90% min. lead terminals
shall be wet with solder.
(Except the edge of
terminal)
浸入端子部份附著焊鍚
90%以上.(末端斷面不算)
2
Soldering Heat
Resistance
焊錫耐熱性
Lead terminal are immersed up to 1.5mm from sounder’s body
in solder bath of +260±5℃ for 3±1 seconds.
距離端子根部
1.5mm 的位置,浸入+260±5℃的焊鍚槽 3±1 秒.
No interference in
operation
操作上無任何不良
3
Terminal Mechanical
Strength
端子強度
The force 10 seconds of 9.8N (1.0kg) is applied to each
terminal in axial direction.
各端子的軸方向施以
9.8N (1.0kg)的力量 10 秒.
No damage and cutting off
端子不鬆動
, 不脫落
4
Vibration
振動測試
Buzzer shall be measured after being applied vibration of
amplitude of 1.5mm with 10 to 55hz band of vibration
frequency to each of 3 per-pendicular directions for 2 hours.
振動週波數
10~55HZ、全振幅 1.5mm 於 X.Y.Z 3 個方向,各 2
小時
.
After the test the part shall
meet specifications
with-out any damage in
appearance and the SPL
should be in ±10dBA
compared with initial one.
經測試後
,單體除音壓外,外
觀及電氣特性須符合規格
.
輸出音壓變化量須
±10dBA
內
.
5
Drop test
落下測試
The part only shall be dropped from a height of 75cm onto a
40mm thick wooden board 3 times in 3 axes (X.Y.Z). (a total of
9 times).
單體從
75 公分高處, X.Y.Z.3 個方向,各 3 回,落於 40mm 厚木板
上
.
G. ENVIRONMENT TEST 環境測試
No.
Item
Test condition
Evaluation standard
1
High temp. test
高溫測試
After being placed in a chamber at +85℃ for 96 hours.
置於
+85℃環境中 96 小時
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後
, 靜置於+25℃
(室溫)環境中 4 小時後,單
體除音壓外
, 外觀及電氣
特性須符合規格
. 輸出音
壓變化量須在
±10dBA 內.
2
Low temp. test
低溫測試
After being placed in a chamber at -40℃ for 96 hours.
置於
-40℃環境中 96 小時
3
Thermal Shock
熱衝擊試驗
The part shall be subjected to 10 cycles. One cycle shall consist
of; 對單體施以熱衝擊試驗 10 次循環,其循環內容如圖示:
+85℃
-40℃
30 min.
30 min.
60 min.
4
Temp./ Humidity
Cycle
溫度/溼度循環測試
The part shall be subjected to 10 cycles. One cycle shall be 24
hours and consist of;
單體承受溫度/溼度循環測試 10 次.其循環內容如圖示
+85℃
a,b : 90~98%RH
c : 80~98%RH
a
b
+20℃
3hrs
12±0.5hrs
3hrs
c
24hours



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com