Electronic Components Datasheet Search
  English  ▼

X  

KXG0905AV Datasheet(PDF) 5 Page - Kingstate Electronics Corp.

Part # KXG0905AV
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KXG0905AV Datasheet(HTML) 5 Page - Kingstate Electronics Corp.

  KXG0905AV Datasheet HTML 1Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 2Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 3Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 4Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 5Page - Kingstate Electronics Corp. KXG0905AV Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
志豐電子股份有限公司
KINGSTATE ELECTRONICS CORP 5/6 KXG0905AV
H. RELIABILITY TEST 信賴性測試
No.
Item
Test condition
Evaluation standard
1
Operating
life test
壽命測試
1.Continuous life test 高溫壽命測試(連續)
The part shall be subjected to 72 hours at +65℃ with 5.0V ,4000Hz
applied.
在+65℃環境下,輸入 5.0
V ,4000Hz 連續操作 72 小時.
2.Intermittent life test 室溫壽命測試(間歇)
A duty cycle of 1 minute on, 1 minutes off, a minimum of 5000 times at
room temp.( +25±10℃) with 5.0V ,4000Hz applied.
在室溫下
(+25±10℃), 輸入 5.0V ,4000Hz 通電 1 分鐘/斷電 1 分鐘,測試
5000 次循環.
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後
, 靜置於+25℃
(室溫)環境中 4 小時後,單
體除音壓外
, 外觀及電氣
特性須符合規格
. 輸出音
壓變化量須在
±10dBA 內.
TEST CONDITION.
Standard Test Condition
:
a) Temperature : +5 ~ +35℃ b) Humidity : 45-85% c) Pressure : 860-1060mbar
一般測試條件
:
a) 溫度 : +5 ~ +35℃
b) 濕度 : 45-85%
c) 氣壓 : 860-1060mbar
Judgement Test Condition :
a) Temperature : +25 ± 2℃
b) Humidity : 60-70%
c) Pressure : 860-1060mbar
爭議時測試條件
:
a) 溫度 : +25 ± 2℃
b) 濕度 : 60-70%
c) 氣壓 : 860-1060mbar
I. Recommended Temperature Profile For Wave Soldering 建議爐溫曲線
1)手工焊 MANUAL SOLDERING:330℃~360℃,3 秒以內 WITHIN 3 SECS.
2)波峰焊 WAVE SOLDERING:SEE BELOW DIAGRAM
請參考下圖



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com