Electronic Components Datasheet Search
  English  ▼

X  

08-4113 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # 08-4113
Description  SELECTOR SWITCH 08
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

08-4113 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  08-4113 Datasheet HTML 1Page - Elma Electronic Ltd 08-4113 Datasheet HTML 2Page - Elma Electronic Ltd 08-4113 Datasheet HTML 3Page - Elma Electronic Ltd 08-4113 Datasheet HTML 4Page - Elma Electronic Ltd 08-4113 Datasheet HTML 5Page - Elma Electronic Ltd 08-4113 Datasheet HTML 6Page - Elma Electronic Ltd 08-4113 Datasheet HTML 7Page - Elma Electronic Ltd 08-4113 Datasheet HTML 8Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.elma.com
06|20
1|8
11/65/EU)
08
SELECTOR SWITCH
08
DATASHEET
Product description
MAIN FEATURES
HORIZONTAL, MULTI WAFER,
PCB MOUNTING, UP TO 12 POSITIONS
›
For PCB mounting
›
25'000 switching cycles with up to 9 Ncm
switching torque
›
Gold plated contacts 3 micron
›
Robust metal housing with metal shaft
›
Operating temperature range: -40 to +85 °C
›
Various options and customizations
PRODUCT VARIETY
■
From 1 x 12 to 4 x 3 poles x positions per wafer
■
Up to 8 wafers
■
Shorting or non-shorting
■
Switching torque: 3, 6 or 9 Ncm
■
Configurable end stops
POSSIBLE CUSTOMIZATIONS
■
Shaft dimension and shape
■
Switching torque
■
Hollow shaft, inner shaft
■
Others
TYPICAL APPLICATIONS
■
Industrial controls
■
Avionics systems
■
Test and measurement devices
■
Medical and audio equipment


Similar Part No. - 08-4113

ManufacturerPart #DatasheetDescription
logo
DEN-ON INSTRUMENTS CO.,...
08-00-00 DEN-ONINSTRUMENTS-08-00-00 Datasheet
886Kb / 2P
Gun Type with Versatile Function
June 2009
logo
NTE Electronics
08-002-20W NTE-08-002-20W Datasheet
101Kb / 3P
12V Halogen JC G4 Base
08-003-20W NTE-08-003-20W Datasheet
101Kb / 3P
12V Halogen JC G4 Base
08-004-50W NTE-08-004-50W Datasheet
101Kb / 3P
12V Halogen JC G4 Base
08-005-10 NTE-08-005-10 Datasheet
101Kb / 3P
12V Halogen JC G4 Base
More results

Similar Description - 08-4113

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
Power Selector Switch
24-Jan-00
logo
DAICO Industries, Inc.
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
Switch Selector UHF Antenna
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
Power Supply Selector Switch
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
Power Supply Selector Switch
logo
List of Unclassifed Man...
RI-08A ETC2-RI-08A Datasheet
97Kb / 2P
RI-08 Series Dry Reed Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
Power Supply Selector Switch
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
Power Supply Selector Switch
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com