Electronic Components Datasheet Search
  English  ▼

X  

08-4113 Datasheet(PDF) 6 Page - Elma Electronic Ltd

Part # 08-4113
Description  SELECTOR SWITCH 08
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

08-4113 Datasheet(HTML) 6 Page - Elma Electronic Ltd

  08-4113 Datasheet HTML 1Page - Elma Electronic Ltd 08-4113 Datasheet HTML 2Page - Elma Electronic Ltd 08-4113 Datasheet HTML 3Page - Elma Electronic Ltd 08-4113 Datasheet HTML 4Page - Elma Electronic Ltd 08-4113 Datasheet HTML 5Page - Elma Electronic Ltd 08-4113 Datasheet HTML 6Page - Elma Electronic Ltd 08-4113 Datasheet HTML 7Page - Elma Electronic Ltd 08-4113 Datasheet HTML 8Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.elma.com
06|20
6|8
Mechanism
Shaft
Housing
View of wafer from
front side
Pin 1
Pin 12
15
14.8
L
25
Shaft
Mechanism
Shaft
Housing
View of wafer from
front side
Pin 1
Pin 12
15
14.8
L
25
Shaft
Mechanism
Shaft
Housing
View of wafer from
front side
Pin 1
Pin 12
15
14.8
L
25
Shaft
SELECTOR SWITCH
08
DATASHEET
FUNCTION
PART NUMBER
(POLES X POSITIONS)
SHORTING
NON-SHORTING
1 x 12
4217-10
4218-10
2 x 6
4217-11
4218-11
3 x 4
4217-13
4218-13
4 x 3
4217-12
4218-12
Wafer
Shaft
Mechanism
Wafer
View from front side
Shaft
NUMBER OF
POLES
POSITIONS
SWITCHING
TORQUE
PART NUMBER
≤ 6
12
6 Ncm
4214-10
> 6
12
9 Ncm
4214-12
Switch mechanism
Shaft including assembly material
LENGTH L
NUMBER OF
HOUSINGS
PART NUMBER
75 mm
3
4211-05
100 mm
5
4211-10
125 mm
7
4211-15
150 mm
9
4211-20
Ordering information
ACCESSORIES AND SPARE PARTS
Available in kit form:
Mechanism, wafer and shaft are supplied separately.
This offers more possibilities to place the switch onto
the PC board.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com