Electronic Components Datasheet Search
  English  ▼

X  

08-4113 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # 08-4113
Description  SELECTOR SWITCH 08
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

08-4113 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  08-4113 Datasheet HTML 1Page - Elma Electronic Ltd 08-4113 Datasheet HTML 2Page - Elma Electronic Ltd 08-4113 Datasheet HTML 3Page - Elma Electronic Ltd 08-4113 Datasheet HTML 4Page - Elma Electronic Ltd 08-4113 Datasheet HTML 5Page - Elma Electronic Ltd 08-4113 Datasheet HTML 6Page - Elma Electronic Ltd 08-4113 Datasheet HTML 7Page - Elma Electronic Ltd 08-4113 Datasheet HTML 8Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.elma.com
06|20
3|8
A = 1
B = 2
C = 4
D = 8
SELECTOR SWITCH
08
DATASHEET
For 12 positions the coding will be made according to the layout on the left (on the printed circuit). If the switch is com-
posed of component parts, the housings A (3 x 4) and B (1 x 12) have to be ordered. Limiting to 10 positions (BCD) is
done with a stop screw M1.2 x 2.5.
Bottom view:
BCD Coding
8 4 2 1
1
2
3
4
5
6
7
8
9
10
11
12
On
Off
Dimensions and pin assignment
SWITCH DESIGN AND DRILLING DIAGRAM
SWITCH WITH BCD CODING
12 Position BCD coding



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com