Electronic Components Datasheet Search
  English  ▼

X  

08-4113 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # 08-4113
Description  SELECTOR SWITCH 08
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

08-4113 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  08-4113 Datasheet HTML 1Page - Elma Electronic Ltd 08-4113 Datasheet HTML 2Page - Elma Electronic Ltd 08-4113 Datasheet HTML 3Page - Elma Electronic Ltd 08-4113 Datasheet HTML 4Page - Elma Electronic Ltd 08-4113 Datasheet HTML 5Page - Elma Electronic Ltd 08-4113 Datasheet HTML 6Page - Elma Electronic Ltd 08-4113 Datasheet HTML 7Page - Elma Electronic Ltd 08-4113 Datasheet HTML 8Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.elma.com
06|20
4|8
08
–
_
_
_
_
–
_
_
_
_
_
SELECTOR SWITCH
08
DATASHEET
Ordering information
ORDERING CODE
See standard types
BASIC CODE
00 Standard
11 11 positions
10 10 positions
09 9 positions
08 8 positions
07 7 positions
06 6 positions
05 5 positions
04 4 positions
03 3 positions
02 2 positions
NUMBER OF POSITIONS
000 30.8 mm
xxx1 Customized
(shaft length rounded to next 0.5 mm,
e.g. 10.3 mm = 10.5 mm or 10 mm)
1
Customized shaft length (AL)
AL measured from mounting face (see picture below)
Max. shaft length (AL): 30.8 mm
SHAFT LENGTH (AL)
See standard types
NUMBER OF WAFERS
See standard types
NUMBER OF POLES
See standard types
FACTORY SET CHARACTER
3 Shorting
4 Non-shorting
SWITCHING MODE
- 6 Ncm (standard)
M 3 Ncm
N 9 Ncm
SWITCHING TORQUE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com