Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA230
Description  INA230 36V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA230 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA230 Datasheet HTML 17Page - Texas Instruments INA230 Datasheet HTML 18Page - Texas Instruments INA230 Datasheet HTML 19Page - Texas Instruments INA230 Datasheet HTML 20Page - Texas Instruments INA230 Datasheet HTML 21Page - Texas Instruments INA230 Datasheet HTML 22Page - Texas Instruments INA230 Datasheet HTML 23Page - Texas Instruments INA230 Datasheet HTML 24Page - Texas Instruments INA230 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Frame 1 Two-Wire Target Address Byte
(1)
Frame 2 Register Pointer Byte
1
Start By
Controller
ACK By
Target
ACK By
Target
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
(1) The value of the Target Address byte is determined by the setting of the address pins. Refer to Table 7-2.
Figure 7-7. Typical Register Pointer Set
7.5.6.1 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup devices. The controller generates
a start condition followed by a valid serial byte containing High-Speed (HS) controller code 00001XXX. This
transmission is made in fast (400kHz) or standard (100kHz) (F/S) mode at no more than 400kHz. The INA230
does not acknowledge the HS controller code, but does recognize the code and switches the internal filters to
support 3.4MHz operation.
The controller then generates a repeated start condition (a repeated start condition has the same timing as
the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 3.4MHz are allowed. Instead of using a stop condition, repeated start conditions must
be used to secure the bus in HS-mode. A stop condition ends the HS mode and switches all the internal filters of
the INA230 to support the F/S mode.
7.5.7 SMBus Alert Response
The INA230 is designed to respond to the SMBus alert response address. The SMBus alert response provides
a quick fault identification for simple target devices. When an alert occurs, the controller can broadcast the
alert response target address (0001 100) with the Read/Write bit set high. Following this alert response, any
target devices that generated an alert identify themselves by acknowledging the alert response and sending the
respective address on the bus.
The alert response can activate several different target devices simultaneously, similar to the I2C general call. If
more than one target attempts to respond, bus arbitration rules apply. The losing device does not generate an
acknowledge and continues to hold the ALERT line low until the interrupt is cleared.
7.6 Register Maps
The INA230 uses a bank of registers for holding configuration settings, measurement results, minimum and
maximum limits, and status information. Table 7-3 summarizes the INA230 registers; refer to the Functional
Block Diagram for an illustration of the registers.
All 16-bit INA230 registers are two 8-bit bytes through the I2C interface.
Table 7-3. Summary of Register Set
POINTER
ADDRESS
REGISTER NAME
FUNCTION
POWER-ON RESET
TYPE(1)
HEX
BINARY
HEX
00
Configuration
All-register reset, shunt voltage and
bus voltage ADC conversion times and
averaging, operating mode
01000001 00100111
4127
R/ W
01
Shunt Voltage
Shunt voltage measurement data
00000000 00000000
0000
R
02
Bus Voltage
Bus voltage measurement data
00000000 00000000
0000
R
03
Power(2)
Contains the value of the calculated
power being delivered to the load.
00000000 00000000
0000
R
www.ti.com
INA230
SBOS601B – FEBRUARY 2012 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com