Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA230
Description  INA230 36V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA230 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA230 Datasheet HTML 6Page - Texas Instruments INA230 Datasheet HTML 7Page - Texas Instruments INA230 Datasheet HTML 8Page - Texas Instruments INA230 Datasheet HTML 9Page - Texas Instruments INA230 Datasheet HTML 10Page - Texas Instruments INA230 Datasheet HTML 11Page - Texas Instruments INA230 Datasheet HTML 12Page - Texas Instruments INA230 Datasheet HTML 13Page - Texas Instruments INA230 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
16
18
20
22
24
−50
−25
0
25
50
75
100
125
Temperature (°C)
G013
DGS package only
Figure 6-13. Input Bias Current (IB+ + IB-) vs.
Temperature
20
60
100
140
180
220
260
−50
−25
0
25
50
75
100
125
Temperature (°C)
G014
DGS package only
Figure 6-14. Input Bias Current vs. Temperature,
Shutdown
100
200
300
400
500
−50
−25
0
25
50
75
100
125
Temperature (°C)
G015
Figure 6-15. Active IQ vs. Temperature
0.2
0.4
0.6
0.8
1
1.2
−50
−25
0
25
50
75
100
125
Temperature (°C)
G016
Figure 6-16. Shutdown IQ vs. Temperature
1
10
100
1,000
10,000
Frequency (kHz)
500
450
400
350
300
Figure 6-17. Active IQ vs. I2C Clock Frequency
1
10
100
1,000
10,000
Frequency (kHz)
300
250
200
150
100
50
0
Figure 6-18. Shutdown IQ vs. I2C Clock Frequency
INA230
SBOS601B – FEBRUARY 2012 – REVISED JANUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com