Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA230
Description  INA230 36V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA230 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA230 Datasheet HTML 8Page - Texas Instruments INA230 Datasheet HTML 9Page - Texas Instruments INA230 Datasheet HTML 10Page - Texas Instruments INA230 Datasheet HTML 11Page - Texas Instruments INA230 Datasheet HTML 12Page - Texas Instruments INA230 Datasheet HTML 13Page - Texas Instruments INA230 Datasheet HTML 14Page - Texas Instruments INA230 Datasheet HTML 15Page - Texas Instruments INA230 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Configuration register (00h) are set to '111'), the INA230 continuously converts a shunt voltage reading followed
by a bus voltage reading. After the shunt voltage reading, the current value is calculated (based on Equation 3).
This current value is then used to calculate the power result (using Equation 4). These values are subsequently
stored in an accumulator, and the measurement/calculation sequence repeats until the number of averages set
in the Configuration register (00h) is reached. Following every sequence, the present set of values measured
and calculated are appended to previously collected values. After all of the averaging is complete, the final
values for shunt voltage, bus voltage, current, and power are updated in the corresponding registers that can
then be read. These values remain in the data output registers until the data are replaced by the next fully
completed conversion results. Reading the data output registers does not affect a conversion in progress.
The mode control in the Conversion register (00h) also permits selecting modes to convert only the shunt
voltage or the bus voltage to further allow the user to configure the monitoring function to fit the specific
application requirements.
All current and power calculations are performed in the background and do not contribute to conversion time.
In triggered mode, writing any of the triggered convert modes into the Configuration register (00h) (that is, MODE
bits of the Configuration register (00h) are set to ‘001’, ‘010’, or ‘011’) triggers a single-shot conversion. This
action produces a single set of measurements; thus, to trigger another single-shot conversion, the Configuration
register (00h) must be written to a second time, even if the mode does not change.
In addition to the two operating modes (continuous and triggered), the device also has a power-down mode
that reduces the quiescent current and turns off current into the device inputs, reducing the impact of supply
drain when the device is not being used. Full recovery from power-down mode requires 40µs. The registers of
the device can be written to and read from while the device is in power-down mode. The device remains in
power-down mode until one of the active modes settings are written into the Configuration register (00h).
Although the device can be read at any time, and the data from the last conversion remain available, the
Conversion Ready flag bit (Mask/Enable register, CVRF bit) is provided to help coordinate one-shot or triggered
conversions. The Conversion Ready flag (CVRF) bit is set after all conversions, averaging, and multiplication
operations are complete.
The Conversion Ready flag (CVRF) bit clears under these conditions:
• Writing to the Configuration register (00h), except when configuring the MODE bits for power-down mode; or
• Reading the Mask/Enable register (06h)
7.3.2 Power Calculation
The Current and Power are calculated following shunt voltage and bus voltage measurements (see Figure
7-1). Current is calculated following a shunt voltage measurement based on the value set in the Calibration
register. If there is no value loaded into the Calibration register, the current value stored is zero. Power is
calculated following the bus voltage measurement based on the previous current calculation and bus voltage
measurement. If there is no value loaded in the Calibration register, the power value stored is also zero. Again,
these calculations are performed in the background and do not add to the overall conversion time. These current
and power values are considered intermediate results (unless the averaging is set to 1) and are stored in an
internal accumulation register, not the corresponding output registers. Following every measured sample, the
newly-calculated values for current and power are appended to this accumulation register until all of the samples
have been measured and averaged based on the number of averages set in the Configuration register (00h).
INA230
SBOS601B – FEBRUARY 2012 – REVISED JANUARY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com