Electronic Components Datasheet Search
  English  ▼

X  

INA253A2IPW Datasheet(PDF) 21 Page - Texas Instruments

Part # INA253A2IPW
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA253A2IPW Datasheet HTML 17Page - Texas Instruments INA253A2IPW Datasheet HTML 18Page - Texas Instruments INA253A2IPW Datasheet HTML 19Page - Texas Instruments INA253A2IPW Datasheet HTML 20Page - Texas Instruments INA253A2IPW Datasheet HTML 21Page - Texas Instruments INA253A2IPW Datasheet HTML 22Page - Texas Instruments INA253A2IPW Datasheet HTML 23Page - Texas Instruments INA253A2IPW Datasheet HTML 24Page - Texas Instruments INA253A2IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
INA253
REF2
VS
OUT
GND
IN+
IN±
±
+
REF1
12 V
2.7-V to 5.5-V
Supply
21
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2 Typical Applications
The INA253 offers advantages for multiple applications including the following:
•
High common-mode range and excellent CMRR enables direct inline sensing
•
Precision low-inductive, low-drift shunt eliminates the need for overtemperature system calibration
•
Ultra-low offset and drift eliminates the necessity of calibration
•
Wide supply range enables a direct interface with most microprocessors
9.2.1 High-Side, High-Drive, Solenoid Current-Sense Application
Challenges exist in solenoid drive current sensing that are similar to those in motor inline current sensing. In
certain topologies, the current-sensing amplifier is exposed to the full-scale PWM voltage between ground and
supply. The INA253 is an excellent choice for this type of application. The 2-mΩ integrated shunt with a total
system accuracy of 0.2% with a total system drift of 25 ppm/°C provides system accuracy across temperature
eliminating the need for tri temperature system calibration.
Figure 41. Solenoid Drive Application Circuit
9.2.1.1 Design Requirements
For this application, the INA253 measures current in the driver circuit of a 12-V, 500-mA hydraulic valve.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Common-mode voltage
12 V
Maximum sense current
500 mA
Power-supply voltage
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com