Electronic Components Datasheet Search
  English  ▼

X  

INA253A2IPW Datasheet(PDF) 5 Page - Texas Instruments

Part # INA253A2IPW
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPW Datasheet(HTML) 5 Page - Texas Instruments

  INA253A2IPW Datasheet HTML 1Page - Texas Instruments INA253A2IPW Datasheet HTML 2Page - Texas Instruments INA253A2IPW Datasheet HTML 3Page - Texas Instruments INA253A2IPW Datasheet HTML 4Page - Texas Instruments INA253A2IPW Datasheet HTML 5Page - Texas Instruments INA253A2IPW Datasheet HTML 6Page - Texas Instruments INA253A2IPW Datasheet HTML 7Page - Texas Instruments INA253A2IPW Datasheet HTML 8Page - Texas Instruments INA253A2IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The internal shunt resistor is intended to be used with the internal amplifier and is not intended to be used as a stand-alone resistor. See
the Integrated Shunt Resistor section for more information.
(2)
See Maximum Continuous Current for additional information on the current derating and review layout recommendations to improve the
current handling capability of the device at higher temperatures.
(3)
System gain error includes amplifier gain error and the integrated sense resistor tolerance. System gain error does not include the stress
related characteristics of the integrated sense resistor. These characteristics are described in the Shunt Resistor section of the Electrical
Characteristics table.
7.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, ISENSE = IS+ = 0 A, VCM = 12 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
VIN+ = –4 V to +80 V, ISENSE = 0 A,
TA = –40°C to +125°C
–4
80
V
CMR
Common-mode rejection
VIN+ = –4 V to +80 V, ISENSE = 0 A,
TA = –40°C to +125°C
±125
±500
µA/V
f = 50 kHz
±13
mA/V
IOS
Offset current, input-referred
ISENSE = 0 A
±2.5
±15
mA
dIOS/dT Offset current drift
ISENSE = 0 A, TA = –40°C to +125°C
25
125
µA/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, ISENSE = 0 A
±0.5
±5
mA/V
IB
Input bias current
IB+, IB–, ISENSE = 0 A
90
µA
Reference input range
0
VS
V
SHUNT RESISTOR
RSHUNT
Shunt resistance (SH+ to SH–)
Equivalent resistance when used with onboard
amplifier
1.998
2
2.002
m
Ω
Used as stand-alone resistor(1)
1.9
2
2.1
Package resistance
IS+ to IS–
4.5
m
Ω
Package inductance
IS+ to IS–
3
nH
Resistor temperature coefficient
TA = –40°C to +125°C
15
ppm/°C
TA = –40°C to 0°C
50
TA = 0°C to 125°C
10
ppm/°C
ISENSE
Maximum continuous current(2)
TA = –40°C to +85°C
±15
A
Shunt short time overload
ISENSE = 30 A for 5 seconds
±0.05%
Shunt thermal shock
–65°C to +150°C, 500 cycles
±0.1%
Shunt resistance to solder heat
260°C solder, 10 seconds
±0.1%
Shunt high temperature exposure
1000 hours, TA = 150°C
±0.15%
Shunt cold temperature storage
24 hours, TA = –65°C
±0.025%
OUTPUT
G
Gain
INA253A1
100
mV/A
INA253A2
200
INA253A3
400
mV/A
System gain error(3)
GND + 50 mV
≤ VOUT ≤ VS – 200 mV,
TA = 25°C
±0.05%
±0.4%
TA = –40°C to +125°C
±45
ppm/°C
Nonlinearity error
GND + 10 mV
≤ VOUT ≤ VS – 200 mV
±0.01%
Reference divider accuracy
VOUT = |(VREF1 – VREF2)| / 2 at ISENSE = 0 A,
TA = –40°C to +125°C
0.02%
0.1%
RVRR
Reference voltage rejection ratio (input-
referred)
INA253A2
2.5
mA/V
INA253A1, INA253A3
1
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT
Swing to VS power-supply rail
RL = 10 kΩ to GND, TA = –40°C to +125°C
VS – 0.05
VS – 0.2
V
Swing to GND
RL = 10 kΩ to GND, ISENSE = 0 A,
VREF1 = VREF2 = 0 V, TA = –40°C to +125°C
VGND + 1
VGND + 10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com